Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2442ITSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2442ITSTR
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2442ITSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC2442ITSTR Datasheet HTML 1Page - Semtech Corporation SC2442ITSTR Datasheet HTML 2Page - Semtech Corporation SC2442ITSTR Datasheet HTML 3Page - Semtech Corporation SC2442ITSTR Datasheet HTML 4Page - Semtech Corporation SC2442ITSTR Datasheet HTML 5Page - Semtech Corporation SC2442ITSTR Datasheet HTML 6Page - Semtech Corporation SC2442ITSTR Datasheet HTML 7Page - Semtech Corporation SC2442ITSTR Datasheet HTML 8Page - Semtech Corporation SC2442ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
© 2007 Semtech Corp.
www.semtech.com
SC2442/H
POWER MANAGEMENT
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1C
C
V
A.
t
i
u
c
r
i
c
g
o
l
a
n
a
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
S
.
r
o
t
s
i
s
n
a
r
t
P
N
P
l
a
n
r
e
t
x
e
n
a
g
n
i
s
u
N
I
V
m
o
r
f
V
7
o
t
n
i
p
I
D
B
e
h
t
y
b
d
e
t
a
l
u
g
e
R
2I
D
B.
r
o
t
a
l
u
g
e
r
C
C
V
P
/
C
C
V
A
r
o
f
e
v
i
r
d
e
s
a
B
3N
I
V
.
H
2
4
4
2
C
S
r
o
f
V
6
3
d
n
a
2
4
4
2
C
S
r
o
f
V
0
3
s
i
m
u
m
i
x
a
M
.
e
g
a
t
l
o
v
y
l
p
p
u
s
t
u
p
n
I
41
C
O.
V
m
0
0
1
s
i
d
l
o
h
s
e
r
h
T
.
1
T
U
O
V
r
o
f
e
s
n
e
s
t
n
e
r
r
u
c
e
d
i
s
h
g
i
H
51
A
E.
1
T
U
O
V
e
h
t
r
o
f
n
o
i
t
a
s
n
e
p
m
o
c
r
o
f
t
u
p
t
u
o
r
e
i
f
il
p
m
a
r
o
r
r
E
61
B
F.
1
T
U
O
V
e
h
t
r
o
f
t
u
p
n
i
k
c
a
b
d
e
e
F
71
S
S
.
d
o
i
r
e
p
t
r
a
t
s
t
f
o
s
e
h
t
s
t
e
s
D
N
G
A
o
t
r
o
t
i
c
a
p
a
c
A
.
1
T
U
O
V
r
o
f
n
i
p
t
r
a
t
s
t
f
o
S
81
T
S
B.
e
v
i
r
d
e
t
a
g
e
d
i
s
h
g
i
h
1
T
U
O
V
e
h
t
r
o
f
n
o
i
t
c
e
n
n
o
c
r
o
t
i
c
a
p
a
c
t
s
o
o
B
.
t
i
u
c
r
i
C
n
o
i
t
a
c
il
p
p
A
l
a
c
i
p
y
T
e
h
t
n
i
n
w
o
h
s
s
a
e
d
o
i
d
a
d
n
a
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
9H
1
D
G
.
H
2
D
G
h
t
i
w
e
s
a
h
p
f
o
t
u
o
s
e
e
r
g
e
d
0
8
1
.
1
T
U
O
V
f
o
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
r
o
f
e
v
i
r
d
e
t
a
G
0
11
H
P.
n
o
i
t
c
e
n
n
o
c
r
o
t
c
u
d
n
i
l
a
n
r
e
t
x
e
1
T
U
O
V
r
o
f
e
d
o
n
g
n
i
h
c
t
i
w
S
1
1L
1
D
G.
1
T
U
O
V
f
o
T
E
F
S
O
M
e
d
i
s
w
o
l
r
o
f
e
v
i
r
d
e
t
a
G
2
1D
N
G
P.
s
t
n
e
r
r
u
c
n
r
u
t
e
r
e
v
i
r
d
e
t
a
g
r
o
f
d
n
u
o
r
g
r
e
w
o
P
3
1C
C
V
P.
s
r
e
v
i
r
d
t
u
p
t
u
o
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
S
4
1L
2
D
G.
2
T
U
O
V
f
o
T
E
F
S
O
M
e
d
i
s
w
o
l
r
o
f
e
v
i
r
d
e
t
a
G
5
12
H
P.
n
o
i
t
c
e
n
n
o
c
r
o
t
c
u
d
n
i
l
a
n
r
e
t
x
e
2
T
U
O
V
r
o
f
e
d
o
n
g
n
i
h
c
t
i
w
S
6
1H
2
D
G
.
H
1
D
G
h
t
i
w
e
s
a
h
p
f
o
t
u
o
s
e
e
r
g
e
d
0
8
1
.
2
T
U
O
V
f
o
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
r
o
f
e
v
i
r
d
e
t
a
G
7
12
T
S
B.
e
v
i
r
d
e
t
a
g
e
d
i
s
h
g
i
h
2
T
U
O
V
e
h
t
r
o
f
n
o
i
t
c
e
n
n
o
c
r
o
t
i
c
a
p
a
c
t
s
o
o
B
.
t
i
u
c
r
i
C
n
o
i
t
a
c
il
p
p
A
l
a
c
i
p
y
T
e
h
t
n
i
n
w
o
h
s
s
a
e
d
o
i
d
a
d
n
a
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
8
12
S
S
.
d
o
i
r
e
p
t
r
a
t
s
t
f
o
s
e
h
t
s
t
e
s
D
N
G
A
o
t
r
o
t
i
c
a
p
a
c
A
.
2
T
U
O
V
r
o
f
n
i
p
t
r
a
t
s
t
f
o
S
9
12
B
F.
2
T
U
O
V
e
h
t
r
o
f
t
u
p
n
i
k
c
a
b
d
e
e
F
0
22
A
E.
2
T
U
O
V
e
h
t
r
o
f
n
o
i
t
a
s
n
e
p
m
o
c
r
o
f
t
u
p
t
u
o
r
e
i
f
il
p
m
a
r
o
r
r
E
1
22
C
O.
V
m
0
0
1
s
i
d
l
o
h
s
e
r
h
T
.
2
T
U
O
V
r
o
f
e
s
n
e
s
t
n
e
r
r
u
c
e
d
i
s
h
g
i
H
2
2N
E
/
C
N
Y
S.
n
i
p
e
l
b
a
n
E
M
W
P
d
n
a
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
r
o
t
a
ll
i
c
s
O
3
2C
S
O
R
.
y
c
n
e
u
q
e
r
f
k
c
o
l
c
t
e
s
o
t
D
N
G
A
o
t
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
n
i
p
g
n
i
m
m
a
r
g
o
r
p
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
4
2D
N
G
A.
d
n
u
o
r
g
l
a
n
g
i
s
g
o
l
a
n
A


Similar Part No. - SC2442ITSTR

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC244 VITALCONN-SC244 Datasheet
468Kb / 3P
   SFP2*4 CAGECONN
logo
Semtech Corporation
SC2440 SEMTECH-SC2440 Datasheet
664Kb / 26P
   2.5 MHz Dual Switching Regulator with Integrated 2A Switches
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440AEVB SEMTECH-SC2440AEVB Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440ATETRT SEMTECH-SC2440ATETRT Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
More results

Similar Description - SC2442ITSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com