Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC623AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC623AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC623AEVB Datasheet HTML 1Page - Semtech Corporation SC623AEVB Datasheet HTML 2Page - Semtech Corporation SC623AEVB Datasheet HTML 3Page - Semtech Corporation SC623AEVB Datasheet HTML 4Page - Semtech Corporation SC623AEVB Datasheet HTML 5Page - Semtech Corporation SC623AEVB Datasheet HTML 6Page - Semtech Corporation SC623AEVB Datasheet HTML 7Page - Semtech Corporation SC623AEVB Datasheet HTML 8Page - Semtech Corporation SC623AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SC623A
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
I2C Interface
Interface complies with slave mode I2C interface as described by Philips I2C specification version 2.1 dated January, 2000.
Digital Input Voltage
V
B-IL
0.4
V
V
B-IH
1.6
V
SDA Output Low Level
I
DIN
(SDA) ≤ 3mA
0.4
V
Digital Input Current
I
B-IN
-0.2
0.2
μA
Hysteresis of
Schmitt Trigger Inputs
V
HYS
0.1
V
Maximum Glitch Pulse
Rejection
t
SP
50
ns
I/O Pin Capacitance
C
IN
10
pF
I2C Timing
Clock Frequency
f
SCL
400
440
kHz
SCL Low Period(5)
t
LOW
1.3
μs
SCL High Period(5)
t
HIGH
0.6
μs
Data Hold Time(5)
t
HD_DAT
0μs
Data Setup Time(5)
t
SU_DAT
100
μs
Setup Time for Repeated
START Condition(5)
t
SU_STA
0.6
μs
Hold Time for Repeated
START Condition(5)
t
HD_STA
0.6
μs
Setup Time for STOP
Condition(5)
t
SU_STO
0.6
μs
Bus-Free Time Between
STOP and START(5)
t
BUF
1.3
μs
Interface Start-up Time(5)
t
EN
Bus Start-up Time After EN Pin is Pulled High
1
ms
Notes:
(1) ΔV
F
is the voltage difference between any two LEDs.
(2) Once tripped, flash output will remain disabled until FLEN pin is cycled or reset via serial interface.
(3) Current matching equals ± [I
BL(MAX)
- I
BL(MIN
] / [I
BL(MAX)
+ I
BL(MIN)
].
(4) Test voltage is V
OUT
= 4.0V — a relatively extreme LED voltage — to force a transition during test. Typically V
OUT
= 3.2V for white LEDs.
(5) Guaranteed by design


Similar Part No. - SC623AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC623EVB SEMTECH-SC623EVB Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC623ULTRT SEMTECH-SC623ULTRT Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
More results

Similar Description - SC623AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
   LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC627A SEMTECH-SC627A Datasheet
380Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
SC627A SEMTECH-SC627A_09 Datasheet
321Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED,Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com