Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC621ULTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC621ULTRT
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC621ULTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC621ULTRT Datasheet HTML 6Page - Semtech Corporation SC621ULTRT Datasheet HTML 7Page - Semtech Corporation SC621ULTRT Datasheet HTML 8Page - Semtech Corporation SC621ULTRT Datasheet HTML 9Page - Semtech Corporation SC621ULTRT Datasheet HTML 10Page - Semtech Corporation SC621ULTRT Datasheet HTML 11Page - Semtech Corporation SC621ULTRT Datasheet HTML 12Page - Semtech Corporation SC621ULTRT Datasheet HTML 13Page - Semtech Corporation SC621ULTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SC621
10
Typical Characteristics (continued)
Output Short Circuit Current Limit
Time (1ms/div)
V
OUT (1V/div)
I
OUT (100mA/div)
V
OUT
=0V, V
IN
=4.2V, 25°C
Flash Mode Safety Timer
Time (200ms/div)
V
FLEN (5V/div)
V
OUT (2V/div)
I
FL (200mA/div)
V
IN
=3.7V, 25°C
Output Open Circuit Protection
Time (200μs/div)
V
BL1 (500mV/div)
V
OUT (2V/div)
I
BL1 (20mA/div)
V
IN
=3.7V, 25°C
Flash Current Pulse
V
FLEN (5V/div)
V
OUT (2V/div)
I
FL (200mA/div)
I
FL
=400mA, V
IN
=3.7V, V
OUT
=3.7V, 25°C
Time (40ms/div)


Similar Part No. - SC621ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621ULTRT SEMTECH-SC621ULTRT Datasheet
314Kb / 23P
   LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
More results

Similar Description - SC621ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC627 SEMTECH-SC627_09 Datasheet
314Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
   LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com