Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC415MLTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC415MLTRT
Description  Dual Synchronous Buck Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415MLTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC415MLTRT Datasheet HTML 6Page - Semtech Corporation SC415MLTRT Datasheet HTML 7Page - Semtech Corporation SC415MLTRT Datasheet HTML 8Page - Semtech Corporation SC415MLTRT Datasheet HTML 9Page - Semtech Corporation SC415MLTRT Datasheet HTML 10Page - Semtech Corporation SC415MLTRT Datasheet HTML 11Page - Semtech Corporation SC415MLTRT Datasheet HTML 12Page - Semtech Corporation SC415MLTRT Datasheet HTML 13Page - Semtech Corporation SC415MLTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SC415
10
Once high, DL has a minimum pulse width of typically
330nsec which is the minimum off-time. At the end of the
minimum off-time, DL continues to stay high until one of
the following occurs:
The FB comparator input drops to the
750mV reference, as sensed through the
FB pin or the VOUT pin
The Zero Cross detector trips, if psave is
active
The Negative Current Limit detector trips
If DL drives low because FB has dropped to 750mV, then
another DH on-time is started. This is normal operation at
heavy load (fully synchronous operation where either DH
or DL is high except during transitions).
The Zero Cross detector monitors the voltage across the
low-side MOSFET during the DL high time and detects
when it reaches zero. If DL drives low because of the Zero
Cross detector, and psave is active, then both DH and DL
will remain low until FB drops to 750mV, at which point
the next DH on-time will begin.
If a Zero Cross is detected on eight consecutive cycles,
then for each subsequent switching cycle DL will shut
off when the Zero Cross detector trips; see the PSAVE
Operation section. When this occurs, both DH and DL will
stay low until FB drops to 750mV, which will begin the next
DH on-time. This is normal operation at light load, (PSAVE
Operation, where each cycle consists of a DH pulse, a DL
pulse, and dead time with both DH and DL low).
The Negative Current Limit detector trips when the drain
voltage at the low-side MOSFET reaches +80mV, indicating
that a large negative current flows through the inductor
from VOUT. When this occurs, DL drives low. Both DH and
DL will then stay low until FB drops to 750mV, which will
begin the next DH on-time. Tripping Negative Current
Limit is rare.
To help reduce noise interaction between sides, the
rising edge of each DH driver is inhibited momentarily if
the other side is switching. For example, if FB2 reaches
Applications Information (continued)
the 750mV trip point at the same instant that side1 is
performing a DH or DL transition (up or down), then
side2’s DH driver is held off for roughly 30nsec to allow
side1 to finish switching.
VOUT Voltage Selection
Output voltage is regulated by comparing VOUT as seen
through a resistor divider to the internal 750mV reference,
see Figure 2. Each output can be adjusted to a voltage
between 0.75–5.25V. The output voltage is set by the
equation:
V
OUT
= 0.75 × (1 + R1/R2)
Figure 2
Note: the parallel resistance of R1 and R2 should not be
less than 2kΩ. Using a smaller resistance can cause the IC
to default to the internal preset output voltages shown on
Page 11.
There are fixed output voltages accessible through each
FB pin. If the FB pin is connected to either RTN or +5V,
then the IC will ignore the FB pin and instead regulate the
output voltage using the VOUT pin which is connected to
internal resistor divider. Note that each FB input operates
independently of the other.
+
R1
R2
COUT
to FB
VOUT


Similar Part No. - SC415MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC415MLTRT SEMTECH-SC415MLTRT Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
More results

Similar Description - SC415MLTRT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com