Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC192IMLTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC192IMLTR
Description  Synchronous Buck Converter with Integrated Power Devices
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192IMLTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC192IMLTR Datasheet HTML 7Page - Semtech Corporation SC192IMLTR Datasheet HTML 8Page - Semtech Corporation SC192IMLTR Datasheet HTML 9Page - Semtech Corporation SC192IMLTR Datasheet HTML 10Page - Semtech Corporation SC192IMLTR Datasheet HTML 11Page - Semtech Corporation SC192IMLTR Datasheet HTML 12Page - Semtech Corporation SC192IMLTR Datasheet HTML 13Page - Semtech Corporation SC192IMLTR Datasheet HTML 14Page - Semtech Corporation SC192IMLTR Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
© 2007 Semtech Corp.
www.semtech.com
SC192
POWER MANAGEMENT
Inductor Selection
The inductor values listed in Table 1 will work for nearly
all combinations of output current and output voltages.
After selecting 4.7uH or 10uH for the inductor value two
additional inductor parameters should be considered. The
current rating of the inductor and the DC resistance.
The DC resistance has a great impact on efficiency due
to copper losses. However, small inductors tend to have
higher DC resistance. Therefore a compromise between
size and efficiency will need to be made.
The inductor current must be chosen to prevent the in-
ductor from saturation. The most conservative approach
would be to select an inductor with a saturation current
slightly above the maximum current capability of the
SC192 which is 1.56A peak current for ILIM = Vin or
780mA for ILIM = GND.
A more accurate design of the inductor would be to rate
the inductor for the maximum output current plus the
inductor ripple current that can be calculated as follows:
2
I
I
I
L
)
O(MAX
L(MAX)
Δ
+
=
OUT
IN
OUT
L
V
f
L
V
V
-
1
I
=
Δ
f = Switching frequency
L = Inductor Value
ΔI
L= Peak-to-peak inductor ripple current
I
L = Maximum inductor current
V
OUT = Output voltage
V
IN = Input voltage
C
OUT = Output Capacitance
I
OUT = Output Current
I
OUT(MAX) = Maximum DC Output Current
Output Capacitor Selection
Because the SC192 has external compensation avail-
able, low ESR ceramic capacitors can be used. This elimi-
nates the need for bulky tantalum capacitors. Values for
the output capacitors in Table 1 will work for nearly all
combinations of output current and output voltages. The
equation for determining the size of the output capaci-
tor in terms of minimizing the ripple voltage is given as
follows:
+
Δ
=
Δ
ESR
f
C
8
1
I
V
OUT
L
O
Input Capacitor Selection
The input ripple current can be reduced with properly
selecting the input capacitor. Again, values for the input
capacitors in Table 1 will work for nearly all combina-
tions of input current and output voltages. The input ca-
pacitor should be rated for the maximum input ripple
current calculated as:
PSAVE, Cout = 4.7uF, Lout = 4.7uH
PWM, Cout = 4.7uF, Lout = 4.7uH
Applications Information Cont.


Similar Part No. - SC192IMLTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC19-1 ETC2-SC19-1 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
   Reduces System Power Consumption and OPEX
Rev 1; 4/19
SC1905A-00A00 MAXIM-SC1905A-00A00 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
More results

Similar Description - SC192IMLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A_08 Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
   1A Synchronous Buck Converter with Integrated Power Devices
SC196 SEMTECH-SC196 Datasheet
657Kb / 18P
   1.5A Synchronous Buck Converter with Integrated Power Devices
logo
Rohm
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
BD9328EFJ ROHM-BD9328EFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com