Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC196AMLTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC196AMLTRT
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196AMLTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC196AMLTRT Datasheet HTML 3Page - Semtech Corporation SC196AMLTRT Datasheet HTML 4Page - Semtech Corporation SC196AMLTRT Datasheet HTML 5Page - Semtech Corporation SC196AMLTRT Datasheet HTML 6Page - Semtech Corporation SC196AMLTRT Datasheet HTML 7Page - Semtech Corporation SC196AMLTRT Datasheet HTML 8Page - Semtech Corporation SC196AMLTRT Datasheet HTML 9Page - Semtech Corporation SC196AMLTRT Datasheet HTML 10Page - Semtech Corporation SC196AMLTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
 2006 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Applications Information
SC196A Detailed Description
The SC96A is a synchronous step-down, Pulse Width
Modulated (PWM), DC-DC converter utilizing a MHz
fixed-frequency current mode architecture. The device
is designed to operate in a fixed-frequency PWM mode
across the full load range and can enter Power Save Mode
(PSAVE), utilizing Pulse Frequency Modulation (PFM) at
light loads to maximize efficiency.
Operation
During normal operation, the PMOS is activated on each
rising edge of the internal oscillator. Current feedback
for the switching regulator uses the PMOS current path,
and it is amplified and summed with the internal slope
compensation network. The voltage feedback loop uses
an internal feedback divider. The on-time is determined by
comparing the summed current feedback and the output
of the error amplifier. The period is set by the onboard
oscillator or by an external clock attached to the SYNC/
PWM pin.
The SC196A has an internal synchronous NMOS rectifier
and does not require a Schottky diode on the LX pin.
Programmable Output Voltage
The SC96A has four pre-determined output voltage
values which can be individually selected by the correct
programming oftheVID0andVID1pins (see Programmable
Output Voltage table on Page 4). This eliminates the need
for external programming resistors, saving PCB area and
inventory. The VID pins can be statically tied to GND or
VIN for fixed output configurations, or they may be driven
by a microprocessor, enabling the possibility of dynamic
voltage adjustment for host equipment "sleep" states.
Continuous Conduction & Oscillator Synchronization
The SC96A is designed to operate in continuous
conduction, fixed-frequency mode. When the SYNC/PWM
pin is tied high, the part runs in PWM mode using the
internal oscillator. The part can be synchronized to an
external clock by driving a clock signal into the SYNC/
PWM pin. The part synchronizes to the rising edge of the
clock.
Protection Features
The SC96A provides the following protection features:
Thermal shutdown
Current limit
Over-voltage protection
Soft-start
Thermal Shutdown
The device has a thermal shutdown feature to protect
the SC196A if the junction temperature exceeds 145°C.
In thermal shutdown, the on-chip power devices are
disabled, tri-stating the LX output. Switching will resume
when the temperature drops by 10°C. During this time,
if the output voltage decreases by more than 60% of its
programmed value, a soft-start will be invoked.
Current Limit
The PMOS and NMOS power devices of the buck switcher
are protected by current limit functions. In the case of a
short to ground on the output, the part enters frequency
foldback mode, which causes the switching frequency to
divide by a factor determined by the output voltage. This
prevents the inductor current from "stair-casing".
Over-Voltage Protection
Over-voltage protection is provided on the SC96A. In
the event of an over-voltage on the output, the PWM drive
is disabled, tri-stating the LX output. The part will not
resume switching until the output voltage has fallen 2%
below the regulation voltage.
Soft-Start
The soft-start mode is enabled after every shutdown cycle
to limit in-rush current. In conjunction with the frequency
foldback, this controls the maximum current during start-
up. The PMOS current limit is stepped up through seven
soft-start levels to the full value by a timer driven from
the internal oscillator. During soft-start, the switching
frequency is stepped by 1/8, 1/4, and 1/2 of the internal
oscillator frequency up to the full value, under control of
three output voltage thresholds. As soon as the output
voltage is within 2% of the regulation voltage, soft-start
mode is disabled.
Power Save Mode Operation
The PSAVE mode may be selected by tying the SYNC/
PWM pin to GND. Selecting PSAVE mode will enable the
SC196A to automatically activate/deactivate operation
at light loads, maximizing efficiency across the full load
range. The SC96A automatically detects the load current
at which it should enter PSAVE mode. The SC196A is
optimized to track maximum efficiency with respect to
V
IN.


Similar Part No. - SC196AMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196AMLTRT SEMTECH-SC196AMLTRT Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
More results

Similar Description - SC196AMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196A SEMTECH-SC196A_08 Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196 SEMTECH-SC196 Datasheet
657Kb / 18P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC192 SEMTECH-SC192 Datasheet
261Kb / 15P
   Synchronous Buck Converter with Integrated Power Devices
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
   1A Synchronous Buck Converter with Integrated Power Devices
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
   1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
   1.5A 1.5MHz Synchronous Buck Converter
logo
Rohm
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com