Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC196A Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC196A Datasheet HTML 5Page - Semtech Corporation SC196A Datasheet HTML 6Page - Semtech Corporation SC196A Datasheet HTML 7Page - Semtech Corporation SC196A Datasheet HTML 8Page - Semtech Corporation SC196A Datasheet HTML 9Page - Semtech Corporation SC196A Datasheet HTML 10Page - Semtech Corporation SC196A Datasheet HTML 11Page - Semtech Corporation SC196A Datasheet HTML 12Page - Semtech Corporation SC196A Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
 2006 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Applications Information (Cont.)
Table 2 — Recommended Capacitors
Note: Where PSAVE operation is required, 22µF must be used for C
OUT.
Manufacturer/Part #
Value
(μF)
Rated
Voltage
(VDC)
Temperature
Characteristic
Case Size
Murata
GRM21BR60J226ME39L
22
6.3
X5R
0805
Murata
GRM188R60J106
MKE19
10
6.3
X5R
0603
TDK
C2012X5R0J106K
10
6.3
X5R
0603
Inductor Selection
The SC196A is designed for use with a 4.7μH inductor.
The magnitude of the inductor current ripple is dependent
on the inductor value and can be determined by the
following equation:
This equation demonstrates the relationship between
input voltage, output voltage, and inductor ripple current.
The inductor should have a low DCR to minimize the
conduction losses and maximize efficiency. As a minimum
requirement, the DC current rating of the inductor
should be equal to the maximum load current plus half
of the inductor current ripple, as shown by the following
equation:
Final inductor selection will depend on various design
considerations, such as efficiency, EMI, size and cost.
Table  lists the manufacturers of practical inductor
options.
C
IN Selection
The source input current to a buck converter is non-
continuous. To prevent large input voltage ripple, a low
ESR ceramic capacitor is required. A minimum value of
10μF should be used for sufficient input voltage filtering,
and a 22μF should be used for improved input voltage
filtering.
C
OUT Selection
The internal compensation is designed to work with a
certain output filter corner frequency, which is defined by
the equation:
This single pole filter is designed to operate with a
minimum output capacitor value of 10μF. Larger output
capacitor values will improve transient performance.
If PSAVE operation is required, the minimum capacitor
value is 22µF.
Output voltage ripple is a combination of the voltage ripple
from the charge - discharge cycle of the output capacitor
and the voltage created by the inductor ripple current
passing through the output capacitor ESR. Selecting an
output capacitor with a low ESR will reduce the output
voltage ripple component, as can be seen in the following
equation:
Capacitors with X7R or X5R ceramic dielectric are
strongly recommended for their low ESR and superior
temperature and voltage characteristics. Y5V capacitors
should not be used as their temperature coefficients
make them unsuitable for this application. Table 2 lists
the manufacturers of recommended capacitor options.
Table 1 — Recommended Inductors
Manufacturer/Part #
Value
(μH)
DCR
(Ω)
Rated
Current
(A)
Tolerance
(%)
Dimensions
LxWxH
(mm)
BI Technologies
HM66404R1
4.1
0.057
1.95
20
5.7 × 5.7 ×2.0
Coilcraft
D01608C-472ML
4.7
0.09
1.5
20
6.6 × 4.5 × 3.0
TDK
VLCF4020T- 4R7N1R2
4.7
0.098
1.24
30
4.0 × 4.0 × 2.0
Taiyo Yuden
LMNP04SB4R7N
4.7
0.050
1.2
30
5.0 × 5.0 × 2.0
TOKO
D52LC
4.7
0.087
1.14
20
5.0 × 5.0 × 2.0
Sumida
CDRH3D16
4.7
0.050
1.2
30
3.8 × 3.8 × 1.8
Coilcraft
LPS3015
4.7
0.2
1.1
20
3.0 × 3.0 × 1.5
Note: recommended Inductors do not necessarily guarantee rated perfor-
mance of the part.


Similar Part No. - SC196A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196A SEMTECH-SC196A Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196AEVB SEMTECH-SC196AEVB Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196AMLTRT SEMTECH-SC196AMLTRT Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A_08 Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
More results

Similar Description - SC196A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196A SEMTECH-SC196A_08 Datasheet
421Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196 SEMTECH-SC196 Datasheet
657Kb / 18P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC192 SEMTECH-SC192 Datasheet
261Kb / 15P
   Synchronous Buck Converter with Integrated Power Devices
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
   1A Synchronous Buck Converter with Integrated Power Devices
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
   1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
   1.5A 1.5MHz Synchronous Buck Converter
logo
Rohm
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com