Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2620 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2620 Datasheet HTML 1Page - Semtech Corporation SC2620 Datasheet HTML 2Page - Semtech Corporation SC2620 Datasheet HTML 3Page - Semtech Corporation SC2620 Datasheet HTML 4Page - Semtech Corporation SC2620 Datasheet HTML 5Page - Semtech Corporation SC2620 Datasheet HTML 6Page - Semtech Corporation SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Pin Configuration
Ordering Information
Underside metal must be soldered to ground.
Pin #
Pin Name
Pin Function
1, 8
FB1, FB2
The inverting inputs of the error amplifiers. Each FB pin is tied to a resistive divider between its
output and ground to set the channel output voltage.
2, 7
BOOST1,
BOOST2
Supply pins to the power transistor drivers. Tie to external diode-capacitor charge pumps to
generate drive voltages higher than VIN in order to fully enhance the internal NPN power switches.
3, 6
SW1, SW2
Emitters of the internal power NPN transistors. Each SW pin is connected to the corresponding
inductor, freewheeling diode and bootstrap capacitor.
4, 5
PVIN1, PVIN2
Collectors of the internal power transistors and the power supplies to the corresponding current
sensing circuits. Pins 4 and 5 are not internally connected. They must be joined on the PCB and
closely bypassed to the power ground plane.
9, 16
COMP1,
COMP2
Outputs of the internal error amplifiers. The voltages at these pins control the peak switch
currents. RC networks at these pins stabilize the control loops. Pulling either pin below 0.7V
stops the corresponding switching regulator.
10, 14
SS1, SS2
A capacitor from either SS pin to ground provides soft-start and overload hiccup functions for
that channel. Pulling either SS pin below 0.8V with an open drain or collector transistor shuts off
the corresponding regulator. To completely shut off the SC2620 to low-current state, pull both SS
pins to ground. Soft-start is recommended for all applications.
11
GND
Analog ground. Connect to the PCB power ground plane at a single point.
12
VIN
Power supply to the analog control section of the SC2620. Connect to the PVIN pins through an
optional RC filter.
13
ROSC
An external resistor between this pin and the analog ground sets the channel switching frequency.
15
PGOOD1
Open collector output of Channel 1 power good comparator. Tie to an external pull-up resistor
from the input or the output of the converter. PGOOD1 output becomes valid as soon as V
IN rises
above 1 V
BE during power-up. PGOOD1 is actively pulled low until FB1 voltage rises to within
10% of its final regulation voltage.
Underside
Metal
The exposed pad at the bottom of the package is electrically connected to the ground pin of the
SC2620. It also serves as a thermal contact to the circuit board. It is to be soldered to the analog
ground plane of the PC board.
Pin Descriptions
Part Number
Package
SC2620SETRT(1)(2)
SOIC-16 EDP
SC2620EVB
Evaluation Board
Notes:
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
1
2
3
4
5
6
7
8
FB1
BOOST1
TOP VIEW
(16 Pin SOIC-EDP)
13
12
14
15
16
11
10
9
COMP1
SW1
PGOOD1
PVIN1
SS1
GND
SS2
ROSC
VIN
COMP2
SW2
FB2
BOOST2
PVIN2


Similar Part No. - SC2620

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2620 SEMTECH-SC2620 Datasheet
536Kb / 26P
   Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC2620EVB SEMTECH-SC2620EVB Datasheet
536Kb / 26P
   Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC2620SETRT SEMTECH-SC2620SETRT Datasheet
536Kb / 26P
   Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC2620 SEMTECH-SC2620_08 Datasheet
536Kb / 26P
   Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
More results

Similar Description - SC2620

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2620 SEMTECH-SC2620_08 Datasheet
536Kb / 26P
   Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
   Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
   30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
   Dual 30V Step-Down Switching Regulator with 2A Switches
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
   30V 2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
   2A, 23V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232_17 Datasheet
1Mb / 14P
   2A, 38V, 1.4MHz Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Global Mixed-mode Techn...
G5699 GMT-G5699 Datasheet
100Kb / 1P
   Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
   30V 2A 500KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com