Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT83XXX Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT83XXX
Description  Q-Voice
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83XXX Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT83XXX Datasheet HTML 2Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 3Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 4Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 5Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 6Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT83XXX Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz/8MHz
2.4
¾
5.2
V
ISTB1
Standby Current (Watchdog Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current (Watchdog On)
3V
No load, system HALT
¾¾
2
mA
5V
¾¾
4
mA
IDD
Operating Current
3V
No load, fSYS=4MHz
¾¾
2mA
5V
¾¾
5mA
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
7
¾¾
mA
5V
15
¾¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-3.5
¾¾
mA
5V
-8
¾¾
mA
IOL2
PWM1/PWM2 Sink Current
3V
VOL=0.1VDD
50
¾¾
mA
5V
100
¾¾
mA
IOH2
PWM1/PWM2 Source Current
3V
VOH=0.9VDD
-14.5
¾¾
mA
5V
-26
¾¾
mA
VIL1
Input Low Voltage for I/O Ports
3V
¾
¾
1
¾
V
5V
¾
2
¾
V
VIH1
Input High Voltage for I/O Ports
3V
¾
¾
2
¾
V
5V
¾
3.2
¾
V
VIL2
Reset Low Voltage (RES)
3V
¾
¾
1.5
¾
V
5V
¾
2.5
¾
V
VIH2
Reset High Voltage (RES)
3V
¾
¾
2.1
¾
V
5V
¾
3.5
¾
V
fSYS
System Frequency
3V
RTYPICAL=275k
4.0
¾
MHz
RTYPICAL=144k
8.0
¾
MHz
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
HT83XXX
Rev. 1.20
6
May 17, 2007


Similar Part No. - HT83XXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83XXX HOLTEK-HT83XXX Datasheet
300Kb / 21P
   Q-Voice
More results

Similar Description - HT83XXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83XXX HOLTEK-HT83XXX Datasheet
300Kb / 21P
   Q-Voice
HT83R074 HOLTEK-HT83R074 Datasheet
263Kb / 38P
   Q-Voice
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
   Voice Coprocessor
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
659Kb / 11P
   Voice Modulator
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
   Voice Echo
logo
Mosel Vitelic, Corp
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com