Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4505 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4505
Description  High Efficiency Boost Converter for Backlight/Flash LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4505 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4505 Datasheet HTML 5Page - Semtech Corporation SC4505 Datasheet HTML 6Page - Semtech Corporation SC4505 Datasheet HTML 7Page - Semtech Corporation SC4505 Datasheet HTML 8Page - Semtech Corporation SC4505 Datasheet HTML 9Page - Semtech Corporation SC4505 Datasheet HTML 10Page - Semtech Corporation SC4505 Datasheet HTML 11Page - Semtech Corporation SC4505 Datasheet HTML 12Page - Semtech Corporation SC4505 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
 2006 Semtech Corp.
www.semtech.com
SC4505
POWER MANAGEMENT
Table 5. Recommended Ceramic Capacitor
Manufacturers
Applications Information
VENDOR
PHONE
WEBSITE
KEMET
408-986-0424
www.kemet.com
Murata
814-237-1431
www.murada.com
Taiyo Yuden
408-573-4150
www.t-yuden.com
Output Rectifying Diode Selection
Schottky diodes are the ideal choice for SC4505 due to
their low forward voltage drop and fast switching speed.
Table 6 shows several different Schottky diodes that
work well with the SC4505. Make sure that the diode
has a voltage rating greater that the possible maximum
ouput voltage. The diode conducts current only when
the power switch is turned off. So a 1A diode will be
sufficient for most designs.
Table 6. Recommended Rectifying Diodes
T
R
A
PR
O
D
N
E
V
3
1
S
S
4
1
S
S
y
a
h
s
i
V
m
o
c
.
y
a
h
s
i
v
.
w
w
w
5
1
0
Q
B
0
1
r
e
if
it
c
e
R
l
a
n
o
it
a
n
r
e
t
n
I
m
o
c
.f
r
i.
w
w
w
Output Current Programming
The SC4505 features two independent LED current
regulators. The LED current setpoints are chosen using
external resistors. The relationships between the
programming resistors and the two channel output
current setpoints are shown as in the Figure 2 and Figure
3 below.
The relationships between the programming resistor
value and the output current setpoint can be described
as follows:
O1
O1SET
I
/
V)
140
R
(
=
O2
O2SET
I
/
V)
154
R
(
=
Where R
O1SET and RO2SET are in Ohms. IO1 and IO2 are in
Amperes.
Figure 2. I
O1SET Resistor Selection Chart
Figure 3. I
O2SET Resistor Selection Chart
PWM Dimming
Either of the enable pins can be toggled by external
circuitry to allow PWM dimming. In a typical application,
a microcontroller sets a register or counter that varies
the pulsewidth on a GPIO pin. The SC4505 allows
dimming over two decades in frequency (50Hz-50 kHz)
in order to allow compatibility with a wide range of
devices, including newest dimming strategies that avoid
the audio band by using high frequency PWM dimming.
In this manner, a wide range of illumination can be
generated while keeping the instantaneous LED current
at its peak value for luminescent efficiency and color
purity. Furthermore, advanced lighting effects such as
backlight “dim-on” or photographic red-eye reduction can
be implemented as the SC4505 can resolve PWM from
10% to 90% duty at its highest frequency.
IO1SET Resistor Selection Chart
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
IO1 Current (mA)
IO2SET Resistor Selection Chart
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
IO2 Current (mA)


Similar Part No. - SC4505

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
369Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505EVB SEMTECH-SC4505EVB Datasheet
369Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505MLTRT SEMTECH-SC4505MLTRT Datasheet
369Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
More results

Similar Description - SC4505

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com