Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC191AEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC191AEVB
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191AEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC191AEVB Datasheet HTML 1Page - Semtech Corporation SC191AEVB Datasheet HTML 2Page - Semtech Corporation SC191AEVB Datasheet HTML 3Page - Semtech Corporation SC191AEVB Datasheet HTML 4Page - Semtech Corporation SC191AEVB Datasheet HTML 5Page - Semtech Corporation SC191AEVB Datasheet HTML 6Page - Semtech Corporation SC191AEVB Datasheet HTML 7Page - Semtech Corporation SC191AEVB Datasheet HTML 8Page - Semtech Corporation SC191AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
3
SC191
Electrical Characteristics (Cont.)
Note:
1) FELDO tested at I
BP = 110mA. Equivalent to IOUT = 330mA at VOUT= 1.2V.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
P-Channel Current Limit
I
LIM(P)
550
730
940
mA
N-Channel Current Limit
I
LIM(N)
-270
-420
-700
mA
Quiescent Current
I
Q
Switching mode, I
OUT = 100μA
2.5
mA
Shutdown Current
I
SD
EN tied to GND
0.1
1
μA
LX Leakage Current PMOS
I
LXP
V
IN = 5.5V
LX, EN tied to GND
0.1
1
μA
LX Leakage Current NMOS
I
LXN
V
IN = VLX = 5.5V
EN tied to GND
-20
0.1
μA
Oscillator Frequency
f
OSC
0.87
1.0
1.12
MHz
UVLO Threshold (Lower)
V
UVLO
2.4
2.5
2.6
V
UVLO Hysteresis
V
UVLO-HYS
50
mV
Thermal Shutdown
T
SD
145
°C
Thermal Shutdown
Hysteresis
T
SD-HYS
10
°C
Logic Input High
V
IH
EN pin
1.6
V
Logic Input Low
V
IL
EN pin
0.6
V
Logic Input Current High
I
IH
EN pin
-2
0.1
2
μA
Logic Input Current Low
I
IL
EN pin
-2
0.1
2
μA


Similar Part No. - SC191AEVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC19-1 ETC2-SC19-1 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
   Reduces System Power Consumption and OPEX
Rev 1; 4/19
SC1905A-00A00 MAXIM-SC1905A-00A00 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
More results

Similar Description - SC191AEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
National Semiconductor ...
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com