Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7226INE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC7226INE4
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7226INE4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC7226INE4 Datasheet HTML 1Page - Texas Instruments TLC7226INE4 Datasheet HTML 2Page - Texas Instruments TLC7226INE4 Datasheet HTML 3Page - Texas Instruments TLC7226INE4 Datasheet HTML 4Page - Texas Instruments TLC7226INE4 Datasheet HTML 5Page - Texas Instruments TLC7226INE4 Datasheet HTML 6Page - Texas Instruments TLC7226INE4 Datasheet HTML 7Page - Texas Instruments TLC7226INE4 Datasheet HTML 8Page - Texas Instruments TLC7226INE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TLC7226C, TLC7226I, TLC7226M
QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS
SLAS060E − JANUARY 1995 − REVISED JANUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range
dual power supply over recommended power supply and reference voltage ranges, AGND = DGND = 0 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Slew rate
*2.5
V
•µs
Settling time to 1/2 LSB
Positive full scale
Vref = 10 V
*5
s
Settling time to 1/2 LSB
Negative full scale
Vref = 10 V
*7
µs
Resolution
8
bits
Total unadjusted error
±2
LSB
Linearity error
Differential/integral
VDD = 15 V ± 5%,
Vref = 10 V
±1
LSB
Full-scale error
VDD = 15 V ± 5%,
Vref = 10 V
±2
LSB
Gain error
±0.25
LSB
Temperature coefficient of gain
Full scale
VDD = 14 V to 16.5 V, Vref = 10 V
±20
ppm/
°C
Temperature coefficient of gain
Zero-code error
±50
µV/°C
Zero-code error
±20
±80
mV
Digital crosstalk glitch impulse area
Vref = 0
50
nV
•s
* This parameter is not tested for M suffix devices.
single power supply, VDD = 14.25 V to 15.75 V, VSS = AGND = DGND = 0 V, Vref = 10 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current, IDD
VI = 0.8 V or 2.4 V,
No load
5
13
mA
Slew rate
*2
V
•µs
Settling time to 1/2 LSB
Positive full scale
*5
s
Settling time to 1/2 LSB
Negative full scale
*20
µs
Resolution
8
bits
Total unadjusted error
±2
LSB
Full-scale error
±2
LSB
Temperature coefficient of gain
Full scale
VDD = 14 V to 16.5 V, Vref = 10 V
±20
ppm/
°C
Temperature coefficient of gain
Zero-code error
±50
µV/°C
Linearity error
Differential
±1
LSB
Digital crosstalk-glitch impulse area
50
nV
•s
* This parameter is not tested for M suffix devices.


Similar Part No. - TLC7226INE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226INE4 TI1-TLC7226INE4 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7226INE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com