Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7226IDWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC7226IDWG4
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7226IDWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC7226IDWG4 Datasheet HTML 5Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 6Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 7Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 8Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 9Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 10Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 11Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 12Page - Texas Instruments TLC7226IDWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TLC7226C, TLC7226I, TLC7226M
QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS
SLAS060E − JANUARY 1995 − REVISED JANUARY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interface logic information (continued)
17
16
15
A0
A1
WR
To Latch A
To Latch B
To Latch C
To Latch D
Figure 6. Input Control Logic
unipolar output operation
The unipolar output operation is the basic mode of operation for each channel of the TLC7226, with the output
voltages having the same positive polarity as Vref. The TLC7226 can be operated with a single power supply
(VSS = AGND) or with positive/negative power supplies. The voltage at Vref must never be negative with respect
to AGND to prevent parasitic transistor turnon. Connections for the unipolar output operation are shown in
Figure 7. Transfer values are shown in Table 3.
_
+
DAC A
_
+
DAC B
_
+
DAC C
_
+
DAC D
4
REF
2
1
20
19
OUTA
OUTB
OUTC
OUTD
Figure 7. Unipolar Output Circuit
LSB
MSB
DAC LATCH CONTENTS
ANALOG OUTPUT
) V
ref
255
256
1111
1111
) V
ref
129
256
1000
0001
1000
0000
) V
ref
128
256
+)
V
ref
2
0111
1111
) V
ref
127
256
0000
0001
) V
ref
1
256
0000
0000
0 V
NOTE A. 1 LSB
+ V
ref
2–8
+ V
ref
1
256
Table 3. Unipolar Code


Similar Part No. - TLC7226IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226IDWG4 TI1-TLC7226IDWG4 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7226IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com