Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7226CDWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7226CDWR
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7226CDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC7226CDWR Datasheet HTML 6Page - Texas Instruments TLC7226CDWR Datasheet HTML 7Page - Texas Instruments TLC7226CDWR Datasheet HTML 8Page - Texas Instruments TLC7226CDWR Datasheet HTML 9Page - Texas Instruments TLC7226CDWR Datasheet HTML 10Page - Texas Instruments TLC7226CDWR Datasheet HTML 11Page - Texas Instruments TLC7226CDWR Datasheet HTML 12Page - Texas Instruments TLC7226CDWR Datasheet HTML 13Page - Texas Instruments TLC7226CDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TLC7226C, TLC7226I, TLC7226M
QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS
SLAS060E − JANUARY 1995 − REVISED JANUARY 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
linearity, offset, and gain error using single-ended power supplies
When an amplifier is operated from a single power supply, the voltage offset can still be either positive or
negative. With a positive offset, the output voltage changes on the first code change. With a negative offset the
output voltage may not change with the first code depending on the magnitude of the offset voltage.
The output amplifier, with a negative voltage offset, attempts to drive the output to a negative voltage. However,
because the most negative supply rail is ground, the output cannot be driven to a negative voltage.
So when the output offset voltage is negative, the output voltage remains at zero volts until the input code value
produces a sufficient output voltage to overcome the inherent negative offset voltage, resulting in a transfer
function shown in Figure 8.
DAC Code
Output
Voltage
0 V
Negative
Offset
Figure 8. Effect of Negative Offset (Single Power Supply)
This negative offset error, not the linearity error, produces the breakpoint. The transfer function would have
followed the dotted line if the output buffer could be driven to a negative voltage.
For a DAC, linearity is measured between zero input code (all inputs 0) and full scale code (all inputs 1) after
offset and full scale are adjusted out or accounted for in some way. However, single power supply operation does
not allow for adjustment when the offset is negative due to the breakpoint in the transfer function. So the linearity
in the unipolar mode is measured between full scale code and the lowest code which produces a positive output
voltage.
The code is calculated from the maximum specification for the negative offset.


Similar Part No. - TLC7226CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226CDWR TI1-TLC7226CDWR Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDWRG4 TI1-TLC7226CDWRG4 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7226CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com