Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7PLITE25F2B6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7PLITE25F2B6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7PLITE25F2B6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7PLITE25F2B6 Datasheet HTML 4Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 5Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 6Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 7Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 8Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 9Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 10Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 11Page - STMicroelectronics ST7PLITE25F2B6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
ST7LITE2
8/133
12
7
PA6 /MCO/
ICCCLK/BREAK
I/O
CT
X
ei1
XX
Port A6
Main Clock Output or In Circuit
Communication Clock or Ex-
ternal BREAK
Caution: During normal oper-
ation this pin must be pulled-
up, internally or externally (ex-
ternal pull-up of 10k mandato-
ry in noisy environment). This
is to avoid entering ICC mode
unexpectedly during a reset.
In the application, even if the
pin is configured as output,
any reset will put it back in in-
put pull-up
13
8
PA5 /ATPWM3/
ICCDATA
I/O CT HS
X
ei1
XX
Port A5
Auto-Reload Timer PWM3 or
In Circuit Communication Data
14
9
PA4/ATPWM2
I/O CT HS
X
XX
Port A4
Auto-Reload Timer PWM2
15
10
PA3/ATPWM1
I/O CT HS
X
ei0
XX
Port A3
Auto-Reload Timer PWM1
16
11
PA2/ATPWM0
I/O CT HS
X
XX
Port A2
Auto-Reload Timer PWM0
17
12
PA1/ATIC
I/O CT HS
X
XX
Port A1
Auto-Reload Timer Input Cap-
ture
18
13
PA0/LTIC
I/O CT HS
X
XX
Port A0
Lite Timer Input Capture
19
14
OSC2
O
Resonator oscillator inverter output
20
15
OSC1/CLKIN
I
Resonator oscillator inverter input or Exter-
nal clock input
Pin No.
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1


Similar Part No. - ST7PLITE25F2B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7PLITE25F2B6 STMICROELECTRONICS-ST7PLITE25F2B6 Datasheet
1Mb / 166P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
June 2013 Rev 5
More results

Similar Description - ST7PLITE25F2B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FLITE25F1B6 STMICROELECTRONICS-ST7FLITE25F1B6 Datasheet
1Mb / 166P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
June 2013 Rev 5
ST7LITE0X STMICROELECTRONICS-ST7LITE0X Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com