Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM1677DGGG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM1677DGGG4
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM1677DGGG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDM1677DGGG4 Datasheet HTML 4Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 5Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 6Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 7Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 8Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 9Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 10Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 11Page - Texas Instruments SN65LVDM1677DGGG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VI
(VOY + VOZ)/2
IOZ
IOY
Y
Z
VOD
VOY
VOC
II
VOZ
±
3.75 k
0 V
≤ VTEST ≤ 2.4 V
Y
Z
VOD
Input
RL
3.75 k
Y
Z
Input
C =10pF
L
(2Places)
R /2(2Places)
L
VOC
VOC
VOC(PP)
VOC(SS)
0V
3V
A
SN65LVDM1676
SN65LVDM1677
SLLS430D – NOVEMBER 2000 – REVISED JUNE 2007
Figure 1. Driver Voltage and Current Definitions
Figure 2. Driver VOD Test Circuit
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns. C
L includes instrumentation and fixture capacitance within 0,06 m of
the D.U.T. The measurement of VOC(PP) is made on test equipment with a –3 dB bandwidth of at least 300 MHz.
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
8
Submit Documentation Feedback


Similar Part No. - SN65LVDM1677DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1677DGGG4 TI-SN65LVDM1677DGGG4 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677DGGG4 TI-SN65LVDM1677DGGG4 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN65LVDM1677DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com