Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM1676DGG Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM1676DGG
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM1676DGG Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDM1676DGG Datasheet HTML 2Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 3Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 4Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 5Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 6Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 7Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 8Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 9Page - Texas Instruments SN65LVDM1676DGG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LVDM1676
SN65LVDM1677
SLLS430D – NOVEMBER 2000 – REVISED JUNE 2007
over recommended operating free-air temperature range (unless otherwise noted)
TYP(
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
1)
DRIVER
Driver enabled, receiver disabled
140
175
RL = 50 Ω ('LVDM1676) or RL = 100 Ω ('LVDM1677)
ICC
Supply current
mA
Driver disabled, receiver enabled, no load
45
60
|VOD|
Differential output voltage magnitude
247
340
454
RL = 50 Ω ('LVDM1676) or
RL = 100 Ω ('LVDM1677),
mV
Change in differential output voltage
∆|V
OD|
–50
50
See Figure 2 and Figure 1
magnitude between logic states
1.37
VOC(SS) Steady-state common-mode output voltage
1.125
V
5
∆V
OC(S
Change in steady-state common-mode
RL = 50 Ω ('LVDM1676) or
–50
50
mV
S)
output voltage between logic states
RL = 100 Ω ('LVDM1677), See Figure 3
Peak-to-peak common-mode output
VOC(PP)
50
150
mV
voltage
IIH
High-level input current
VIH = 2 V
3
20
µA
IIL
Low-level input current
VIL = 0.8 V
2
10
µA
VOY or VOZ = 0 V
10
mA
IOS
Short-circuit output current
VOD = 0 V
10
mA
IO(OFF)
Power-off output current
VCC = 1.5 V,
VO = 2.4 V
–10
10
µA
CIN
Input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V
5
pF
RECEIVER
Positive-going differential input voltage
VIT+
100
threshold
See Figure 6 and Table 1
mV
Negative-going differential input voltage
VIT–
–100
threshold
VOH
High-level output voltage
IOH = -8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
VIY = VIZ = 0 V
–40
–24
II
Input current (Y or Z inputs)
µA
VIY = VIZ = 2.4 V
–8
–1.2
VIY = 0 V and VIZ = 100 mV,
'LVDM1676
5
10
µA
VIY = 2.4 V and VIZ = 2.3 V
IID
Differential input current |IIY– IIZ| (inputs)
VIY = 0.2 V and VIZ = 0 V,
'LVDM1677
1.5
2.2
mA
VIY = 2.4 V and VIZ = 2.2 V
II(OFF)
Power-off input current (Y or Z inputs)
VCC = 0 V, VI = 2.4 V
–25
25
µA
(1)
All typical values are at 25
°C and with a 3.3-V supply.
6
Submit Documentation Feedback


Similar Part No. - SN65LVDM1676DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1676DGG TI-SN65LVDM1676DGG Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676DGG TI-SN65LVDM1676DGG Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676DGGG4 TI-SN65LVDM1676DGGG4 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676DGGG4 TI-SN65LVDM1676DGGG4 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676DGGR TI-SN65LVDM1676DGGR Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN65LVDM1676DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com