Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC6352 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HMC6352
Description  Digital Compass Solution
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC6352 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HMC6352 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HMC6352 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HMC6352
2
www.honeywell.com
HMC6352 SPECIFICATIONS
Characteristics
Conditions
(1)
Min
Typ
Max
Units
Supply Voltage
Vsupply to GND
2.7
3.0
5.2
Volts
Supply Current
Vsupply to GND
Sleep Mode (Vsupply = 3.0V)
Steady State (Vsupply = 3.0V)
Steady State (Vsupply = 5.0V)
Dynamic Peaks
1
1
2
10
µA
mA
mA
mA
Field Range
(2)
Total applied field
0.10
-
0.75
gauss
Heading Accuracy
HMC6352
2.5
degRMS
Heading Resolution
0.5
deg
Heading
Repeatability
1.0
deg
Disturbing Field
Sensitivity starts to degrade.
Enable set/reset function to restore sensitivity.
20
gauss
Max. Exposed
Field
No permanent damage and set/reset function
restores performance.
10000
gauss
Operating
Temperature
Ambient
-20
70
°C
Storage
Temperature
Ambient
-55
125
°C
Peak Reflow
Temperature
For Lead-Free SMT Reflow
230
-
240
°C
Moisture Sensivity
Max 240°C
MSL3
-
Output
Heading, Mag X, Mag Y
Size
6.5 x 6.5 x 1.5
mm
Weight
0.14
grams
(1) Tested at 25°C except stated otherwise.
(2) Field upper limit can be extended by using external resistors across CA1/CA2 and CB1/CB2.
Pin Configuration/Package Dimensions


Similar Part No. - HMC6352

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC6352 HONEYWELL-ACC-HMC6352 Datasheet
499Kb / 14P
   2-Axis Compass with Algorithms
HMC6352-TR HONEYWELL-ACC-HMC6352-TR Datasheet
499Kb / 14P
   2-Axis Compass with Algorithms
More results

Similar Description - HMC6352

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR3100 HONEYWELL-HMR3100 Datasheet
461Kb / 7P
   DIGITAL COMPASS SOLUTION
logo
Honeywell Accelerometer...
HMR3400 HONEYWELL-ACC-HMR3400 Datasheet
668Kb / 9P
   Digital Compass Solution
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
   Digital Compass Solutions
HMR3000 HONEYWELL-HMR3000 Datasheet
118Kb / 4P
   Digital Compass Module
logo
Honeywell Accelerometer...
HMR3300-D00-232 HONEYWELL-ACC-HMR3300-D00-232 Datasheet
187Kb / 11P
   Digital Compass Solutions
logo
Dorji Industrial Group ...
DSPC01 DORJI-DSPC01 Datasheet
227Kb / 8P
   Digital Compass Pressure Sensor Module
logo
Honeywell Solid State E...
HMC5883L HONEYWELL-HMC5883L Datasheet
421Kb / 18P
   3-Axis Digital Compass IC
logo
MagnaChip Semiconductor...
MXG2320 MGCHIP-MXG2320 Datasheet
54Kb / 1P
   3-axis digital compass IC
MXG2321 MGCHIP-MXG2321 Datasheet
51Kb / 1P
   3-axis digital compass IC
logo
Honeywell Solid State E...
HMC6343 HONEYWELL-HMC6343 Datasheet
294Kb / 13P
   3-Axis Digital Compass Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com