Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC635 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC635
Description  Charge Pump Flash LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC635 Datasheet(HTML) 4 Page - Semtech Corporation

  SC635 Datasheet HTML 1Page - Semtech Corporation SC635 Datasheet HTML 2Page - Semtech Corporation SC635 Datasheet HTML 3Page - Semtech Corporation SC635 Datasheet HTML 4Page - Semtech Corporation SC635 Datasheet HTML 5Page - Semtech Corporation SC635 Datasheet HTML 6Page - Semtech Corporation SC635 Datasheet HTML 7Page - Semtech Corporation SC635 Datasheet HTML 8Page - Semtech Corporation SC635 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2005SemtechCorp.
www.semtech.com
POWER MANAGEMENT
SC635
DEVICE
PACKAGE
(1)
SC635MLTRT
(2)(1)
(1)(2)
MLPD-10 3x3
SC635EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and
RoHS compliant.
Pin#
Pin Name Pin Function
1
VIN
Input voltage.
2
C2-
Negative terminal of bucket capacitor 2.
3
GND
Ground - connect to ground plane using multiple vias.
4
C1-
Negative terminal of bucket capacitor 1.
5
FLASH
Flash mode enable pin - puts the device in active Flash mode when high and also overrides
CTRL.
6
ISET
Current-setting reference pin - connect to the LED cathode and the current setting resistor.
7
CTRL
Control input bit - used to enable and set the output current in Spotlight mode when high.
8
C1+
Positive terminal of bucket capacitor 1.
9
VOUT
Output pin.
10
C2+
Positive terminal of bucket capacitor 2.
T
Thermal
Pad
Pad for heat sinking purposes - not connected internally. Connect to ground plane using
multiple vias.
PinConfiguration
OrderingInformation
PinDescriptions
TOPVIEW
1
2
3
4
10
9
8
7
5
6
MLP10:3X310LEAD
T
VIN
C2-
GND
C1-
FLASH
C2+
VOUT
C1+
CTRL
ISET


Similar Part No. - SC635

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
   Low off-state leakage
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
   1.0A, 60 Vdc Optically Isolated
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
   Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
   Pedometer
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
More results

Similar Description - SC635

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
   Charge Pump Flash LED Driver
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
   Charge Pump Flash LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
   Flash LED Driver with 700mA Charge Pump
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Semtech Corporation
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
   Charge Pump Flash LED Driver with Safety Timer
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com