Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC470EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC470EVB
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC470EVB Datasheet HTML 1Page - Semtech Corporation SC470EVB Datasheet HTML 2Page - Semtech Corporation SC470EVB Datasheet HTML 3Page - Semtech Corporation SC470EVB Datasheet HTML 4Page - Semtech Corporation SC470EVB Datasheet HTML 5Page - Semtech Corporation SC470EVB Datasheet HTML 6Page - Semtech Corporation SC470EVB Datasheet HTML 7Page - Semtech Corporation SC470EVB Datasheet HTML 8Page - Semtech Corporation SC470EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
Notes:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2) When the inductor is in continuous and discontinuous conduction mode, the output voltage will have a DC regulation level higher than the
error-comparator threshold by 50% of the ripple voltage. This voltage will vary slightly with load and VBAT.
(3) Using a current sense resistor, this measurement relates to PGND minus the voltage of the source on the low-side MOSFET. These values
guaranteed by the ILIM Source Current and Current Comparator Offset tests.
(4) clks = switching cycles.
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
)
.
t
n
o
C
(
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
y
a
l
e
D
tl
u
a
F
D
G
P.
w
o
d
n
i
w
D
G
P
e
d
i
s
t
u
o
d
e
c
r
o
f
B
F0
.
5s
µ
e
g
a
tl
o
v
r
e
d
n
U
A
C
C
V
d
l
o
h
s
e
r
h
T
)
s
i
s
e
r
e
t
s
y
H
V
m
0
0
1
(
g
n
il
l
a
F0
.
47
.
33
.
4V
t
u
o
k
c
o
L
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O0
1 O
s
i
s
e
r
e
t
s
y
H
C5
6
1C
s
t
u
p
t
u
O
/
s
t
u
p
n
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
c
i
g
o
Lw
o
l
V
S
P
/
N
E2
.
1V
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
c
i
g
o
Lw
o
l
V
S
P
,
h
g
i
H
N
E
)
g
n
it
a
o
l
F
n
i
P
(
0
.
2V
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
c
i
g
o
Lh
g
i
h
V
S
P
/
N
E1
.
3V
t
u
p
n
I
e
v
a
S
r
e
w
o
P
/
e
l
b
a
n
E
e
c
n
a
t
s
i
s
e
R
A
C
C
V
o
t
p
u
ll
u
P
R5
.
1M
A
S
S
V
o
t
n
w
o
d
ll
u
P
R1
M
t
r
a
t
S
t
f
o
S
e
m
i
T
p
m
a
R
t
r
a
t
S
-
tf
o
Sh
g
i
h
D
G
P
o
t
h
g
i
h
V
S
P
/
N
E0
4
4s
k
l
c
)
4
(
e
m
i
T
k
n
a
l
B
e
g
a
tl
o
V
-
r
e
d
n
Uh
g
i
h
V
U
o
t
h
g
i
h
V
S
P
/
N
E0
4
4s
k
l
c
)
4
(
s
r
e
v
i
r
D
e
t
a
G
e
m
i
T
d
a
e
Dg
n
i
s
ir
L
D
r
o
H
D0
3s
n
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
L
Dw
o
l
L
D8
.
06
.
1
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
.
2
=
L
D1
.
3A
e
c
n
a
t
s
i
s
e
R
p
U
-l
l
u
P
L
Dh
g
i
h
L
D2
4
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
5
.
2
=
L
D3
.
1A
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
H
DV
5
=
X
L
-
T
S
B
,
w
o
l
H
D2
4
e
c
n
a
t
s
i
s
e
R
p
U
-l
l
u
P
H
DV
5
=
X
L
-
T
S
B
,
h
g
i
h
H
D2
4
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
DV
5
.
2
=
H
D3
.
1A


Similar Part No. - SC470EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471 SEMTECH-SC471 Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471A SEMTECH-SC471A Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471A SEMTECH-SC471A Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471AEVB SEMTECH-SC471AEVB Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Similar Description - SC470EVB

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com