Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7850 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7850
Description  500mA TinyPowerTM LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7850 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7850 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7850 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
· Increased Output voltage Circuit
V= V
(1+
R2
R1
)+ I
R2
OUT
XX
SS
· Dual Supply Circuit
V= V
+ V
OUT1
XX2
XX1
V= V
OUT2
XX2
· Tracking Voltage Regulator
-V = V x
R
R
OO
A
B
HT78XX Series
Rev. 1.00
4
March 2, 2007
G N D
I C 1
I C 2
C o m m o n
C o m m o n
R 1
H T 7 8 X X
S e r i e s
H T 7 8 X X
S e r i e s
C 2
1 0 m F
V I N
V I N
C 3
1 0 m F
V O U T 1
V O U T 2
V I N
C 1
1 0 m F
V X X 1
V X X 2
V O U T
S i n g l e p o i n t G N D
G N D
V O U T
G N D
R B
H T 7 8 X X
S e r i e s
V I N
V O U T
V I N
V O U T
S i n g l e p o i n t G N D
C 1
1 0 m F
R A
C 2
1 0 m F
- V O
- V I N
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
R 1
H T 7 8 X X
S e r i e s
C 2
1 0 m F
V I N
V O U T
V O U T
V I N
V X X
I S S
C 1
1 0 m F
R 2


Similar Part No. - HT7850

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
HT7850-A UMW-HT7850-A Datasheet
2Mb / 7P
   LDO Linear Regulator
More results

Similar Description - HT7850

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
STMicroelectronics
ST1534A STMICROELECTRONICS-ST1534A Datasheet
552Kb / 15P
   500mA SMART LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com