Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4905BIMSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4905BIMSTRT
Description  High Performance Voltage Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905BIMSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4905BIMSTRT Datasheet HTML 6Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 7Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 8Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 9Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4905BIMSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SC4905A/B
POWER MANAGEMENT
 2006 Semtech Corp.
www.semtech.com
10
Application Information (Cont.)
FEED BACK
The error signal from the output of an external Error am-
plifier such as SC431 or SC4431 is applied to the invert-
ing input of the PWM comparator at the FB pin either
directly or via an opto coupler for the Isolated applica-
tions. For best stability keep the FB trace length as short
as possible.
C35
22n, 16V
R23
5.1k
Secondary Supply
C31
22pF
C30
NA
R25
100k
C36
4.7nF
Vref
U6
SC4431
1
2
4
5
REF
C33
680pF
Vout
C32
1nF
R24
3.74k
C34
0.1u,16V
R26
80.2k
R29
NA
MOCD207
1
2
8
7
3
4
6
5
0
FB
R27
9.1k
R22
1.1k
The signal at the FB pin is then compared to the ramp
signal from the RC pin and the OUT gate drive signal is
generated.
Voltages below 600mV at the FB pin, will produce a 0%
duty cycle at the OUT drive. Maximum duty cycle is pro-
duced when VFB-600mV>VFF. The FB signal range is from
600mv to 4V.
OVER CURRENT
A pulse by pulse current limit is provided by the SC4905.
The current information is sensed at the ILIM pin and
compared to a peak current limit level of 180mV. If the
180mV limit is exceeded, the OUT pulse is terminated.
GATE DRIVERS
OUT is a CMOS gate drive output stage that is supplied
from REF and provides a peak source/sink current of
about 1mA. The output stage is capable of driving the
logic input of external MOSFET Drivers and is switched at
the oscillator frequency. When the voltage on the RC pin
is rising,, the output is high.
It should be noted that if high speed/high current drivers
such as the SC1301 are used, careful layout must be
followed in order to minimize stary inductance, which
might cause negative voltages at the output of the driv-
ers. This negative voltage can be clamped to reasonable
level by placing a small Schottky diode directly at the
output of the driver as shown below.
VDD
U1
SC4905
4
5
3
2
10
1
6
7
8
9
DMAX
RC
VFF
FB
REF
VDD
SYNC
ILIM
GND
OUT
C22
VDD
REF
Mosfet Gate
D11
U2
SC1301A
1
4
3
2
5
C18
D8
C17
R13
SOFT START
During start up of the converter, the discharged output
capacitor, and the load current demand large supply cur-
rent requirements. To avoid this a soft start scheme is
usually implemented where the duty cycle of the regula-
tor is gradually increased from 0% until the soft start
duration is elapsed.
Programmable soft start duration can implemented ex-
ternally by utilizing a simple external circuitry shown be-
low.
SC4905
U1
4
5
3
2
1
6
7
8
9
DMAX
RC
VFF
FB
REF
VDD
SYNC
ILIM
GND
OUT
56.2K
Csoft start
REF
MOCD207
3
4
6
5
C30
R22
1.1k
Approximate soft start duration can be calculated as be-
low:
D11
D15
Rsense
C18
C17
U1
SC4905
4
5
3
2
10
1
6
7
8
9
DMAX
RC
VFF
FB
REF
VDD
SYNC
ILIM
GND
OUT
M1
C22
R17
D7
D8
C26
VDD
VDD
R13
0
REF
R11
U2
SC1301A
1
4
3
2
5
R30


Similar Part No. - SC4905BIMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905BIMSTRT SEMTECH-SC4905BIMSTRT Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
More results

Similar Description - SC4905BIMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com