Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4910AITSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4910AITSTRT
Description  High Performance Secondary Side Controller with Synchronous Rectifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910AITSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4910AITSTRT Datasheet HTML 6Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 7Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 8Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 9Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 10Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 11Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 12Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 13Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC4910A/B
POWER MANAGEMENT
This is the minimum external slope required to avoid sub-
harmonic oscillation at low input line.
With SC4910, the external slope is very easy to
implement. Referring to Figure 2, R12 is the current sense
resistor. R10 and the internal 20K
Ω resistor divide the
internal slope 1.0V - 2.5V down to the required
compensation slope.
)
f
N
L
R
V
Se
(
)
0
.
1
5
.
2
(
20
)
f
N
L
R
V
Se
(
10
R
S
S
M
S
IN
S
S
M
S
IN
=
where:
LM - Power transformer magnetizing inductance
fS = Switching frequency
In the example,
=
=
240
)
3
E
250
100
6
E
450
21
36
085
.
0
(
)
0
.
1
5
.
2
(
20
)
3
E
250
100
6
E
450
21
36
085
.
0
(
10
R
R10
C36
R22
C22
C13
U5
SC4910
18
17
11
16
6
4
10
20
19
3
1
15
2
5
FB
COMP
OUTB
ISHARE
PHASE
CS
OUTA
RT1
RT2
SS
-SENSE
DELAY
SY NC/EN
VREF
R21
R12
R25
Figure 2
Applications Information (Cont.)
Closed-Loop Compensation
The simplified control-to-output transfer function for the
forward converter with current mode control, for small
value of external slope ( Se
≤ Sn, Sn is on-time slope of
sensed current waveform) is given by:
p
z
vgo
vg
s
1
s
1
G
G
ω
+
ω
+
=
where
closed
loop
current
with
stage
power
of
gain
DC
R
I
V
nN
G
S
O
O
S
vgo =
closed
loop
current
with
stage
power
of
pole
ant
min
Do
RC
1
P =
ω
stage
power
of
zero
ESR
C
R
1
ESR
Z =
ω
where
R - Load resistance
C - Output capacitance
RESR - Output capacitors ESR
For the given example above, at low line and R = 0.165
Ω,
C = 2 x 680uF = 1360uF, R
ESR = 17mΩ, therefore:
dB
13
71
.
4
21
20
3
.
3
100
6
G
vgo
=
=
=
Hz
6887
s
/
rad
43253
6
E
1360
X
3
E
17
1
Hz
710
s
/
rad
4456
6
E
1360
X
165
.
0
1
Z
P
=
=
=
ω
=
=
=
ω


Similar Part No. - SC4910AITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4910AITSTRT SEMTECH-SC4910AITSTRT Datasheet
320Kb / 19P
   High Performance Secondary Side Controller with Synchronous Rectifier
More results

Similar Description - SC4910AITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A_16 Datasheet
320Kb / 19P
   High Performance Secondary Side Controller with Synchronous Rectifier
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
   Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com