Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55976A1WD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55976A1WD
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55976A1WD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SNJ55976A1WD Datasheet HTML 6Page - Texas Instruments SNJ55976A1WD Datasheet HTML 7Page - Texas Instruments SNJ55976A1WD Datasheet HTML 8Page - Texas Instruments SNJ55976A1WD Datasheet HTML 9Page - Texas Instruments SNJ55976A1WD Datasheet HTML 10Page - Texas Instruments SNJ55976A1WD Datasheet HTML 11Page - Texas Instruments SNJ55976A1WD Datasheet HTML 12Page - Texas Instruments SNJ55976A1WD Datasheet HTML 13Page - Texas Instruments SNJ55976A1WD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
SN75976A, SN55976A
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS218B – MAY 1995 – REVISED MAY 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
SN75976A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
’976A1
7.5
16.5
ns
t d
Propagation delay time, tPHL or tPLH
8.5
14.5
ns
tpd
gy
, PHL
PLH
(see Figures 3 and 4)
’976A2
VCC = 5 V,
TC = 25°C
8.6
13.6
ns
VCC = 5 V,
TC = 100°C
9
14
ns
t k(li )
Skew limit, maximum tpd – minimum tpd
’976A1
9
ns
tsk(lim)
,
dd
(see Note 5)
’976A2
5
ns
tsk(p)
Pulse skew, |tPHL – tPLH|
0.6
4
ns
tt
Transition time (tr or tf)
See Figure 4
2
ns
ten
Enable time, control inputs to active output
50
ns
tdis
Disable time, control inputs to high-impedance output
60
ns
tPHZ
Propagation delay time, high-level to high-impedance output
60
ns
tPLZ
Propagation delay time, low-level to high-impedance output
See Figures 7 and 8
50
ns
tPZH
Propagation delay time, high-impedance to high-level output
See Figures 7 and 8
50
ns
tPZL
Propagation delay time, high-impedance to low-level output
50
ns
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 5. This parameter is applicable at one VCC and operating temperature within the recommended operating conditions and to any two
devices.
receiver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
SN55976A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t d
Propagation delay time, tPHL or tPLH
’976A1
VCC = 5 V,
TA = 25°C
19
ns
tpd
gy
, PHL
PLH
(see Figures 3 and 4)
’976A2
VCC = 5 V,
TA = 25°C
16
ns
t k(li )
Skew limit, maximum tpd – minimum tpd
’976A1
9
ns
tsk(lim)
,
dd
(see Note 5)
’976A2
5
ns
tsk(p)
Pulse skew, |tPHL – tPLH|
0.6
4
ns
tt
Transition time (tr or tf)
See Figure 4
2
ns
ten
Enable time, control inputs to active output
70
ns
tdis
Disable time, control inputs to high-impedance output
80
ns
tPHZ
Propagation delay time, high-level to high-impedance output
80
ns
tPLZ
Propagation delay time, low-level to high-impedance output
See Figures 7 and 8
70
ns
tPZH
Propagation delay time, high-impedance to high-level output
See Figures 7 and 8
70
ns
tPZL
Propagation delay time, high-impedance to low-level output
70
ns
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 5. This parameter is applicable at one VCC and operating temperature within the recommended operating conditions and to any two
devices.


Similar Part No. - SNJ55976A1WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55976A1WD TI-SNJ55976A1WD Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SNJ55976A1WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com