Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC804A Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 7Page - Semtech Corporation SC804A Datasheet HTML 8Page - Semtech Corporation SC804A Datasheet HTML 9Page - Semtech Corporation SC804A Datasheet HTML 10Page - Semtech Corporation SC804A Datasheet HTML 11Page - Semtech Corporation SC804A Datasheet HTML 12Page - Semtech Corporation SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation SC804A Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
Applications Information (Cont.)
The choice of R
CT1 and RCT2 is somewhat arbitrary. The
simplest approach is to pick one and compute the other.
A good choice here is R
CT1 = 115kΩ, and RCT2 = 221kΩ, as
these standard 1% tolerance values produce the closest
match to the desired voltage divider ratio. With these
resistor nominal values,
which is, nominally, only 0.2% below the target value of
0.6591×V
VCC. The CTO network will present a load of only
15μA to a 5V charging adapter. The nominal impedance
presented to the CTO pin is R
CT1 || RCT2 = 75.6kΩ. Any
impedance on the order of 100k
Ω (or less) is acceptable.
Remote Kelvin Sensing at the Battery
The BSEN pin provides the positive Kelvin sensing voltage
feedback to the CV amplifier and should be connected as
close to the battery + terminal as possible. Likewise, the
RGND pin should be connected directly to the negative
terminal of the battery. This allows the designer great
flexibility in PCB layout and achieves greater accuracy
by sensing the battery voltage directly at the battery
terminals. When laying out the PCB, the designer should
route the BSEN and RGND trace directly to the battery
connection terminals, rather than just to the VOUT and
GND pins on the device.
Dropout Voltage
Dropout voltage is the smallest achievable difference
voltage between VCC and VOUT under a particular
operating condition.
Dropout voltage is encountered
during CC charging whenever the current limit of the
charging adapter is less than the SC804A FCI programmed
current. In this case, the adapter voltage (the SC804A
input voltage) will be pulled down to the battery voltage
(the SC804A output voltage) plus the dropout voltage.
Dropout voltage is the larger of two values: (1) the I-R
component, which is the output current multiplied by the
minimum VCC-to-VOUT path resistance (which is highly
temperature dependent), and (2) a regulated minimum
difference voltage, which is output voltage dependent
but is independent of the output current. The regulated
minimum dropout voltage results from the collapse of
internal voltage references as VOUT pulls VCC down to
near, or below, V
CV, creating a reduced output regulation
voltage approximately 200mV below VCC. Thus VCC
cannot be pulled down below VOUT + 200mV. The dropout
voltage will be larger than 200mV whenever the minimum
path resistance multiplied by the output current exceeds
200mV, but it cannot be smaller than 200mV.
This greatest-of-two-limit dropout voltage behavior is
evident in the dropout voltage typical performance plot.
When operating in Adjust Mode (next section), the
regulated minimum dropout voltage depends on the
programmed VOUT regulation voltage, and dropout also
varies with the actual output voltage during CC charging.
See Figure 4 for an illustration of dropout voltage data.
Adjust Mode
The SC804A can be configured for an output voltage
other than V
CV using Adjust (ADJ) Mode. In Adjust Mode
the output voltage is determined by an external resistor
divider from VOUT to BSEN. When BSEN is connected in
this fashion, V
VOUT (during Constant Voltage (CV) charging)
will be controlled such that the voltage at the BSEN pin
(V
BSEN) is the reference voltage VBSEN-ADJ.
The output voltage can be set to any voltage desired by
an appropriate choice of divider network resistors, within
the following limits. When the SC804A is programmed for
adjust mode, V
VOUT is required to be 150mV less than VVCC,
and V
VOUT is required to be 400mV greater than VBSEN.
V
VOUT within 150mV of VBSEN guarantees normal mode
operation. This implies that, for BSEN used as a Kelvin
sense of battery voltage, the product of the fast charge
current and the charge path resistance from VOUT to the
Kelvin sense point should not exceed 150mV to ensure
normal mode operation.
The SC804A Adjust Mode schematic is shown in Figures
3a and 3b. Referring to these schematics, the equation
for setting the output voltage is:
The capacitor C3 across R8 in the feedback network
introduces zero-pole frequency compensation for stability.
Place the zero according to the following equation to
ensure stability:
V
CTO =
VCC × R
CT2 = 0.6577 × VCC
R
CT1 + RCT2
R11 × C3 =
1
2 × 100kHz
VOUT = V
BSEN-ADJ_TYP x ( 1 +
R11 )
R12


Similar Part No. - SC804A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804EVB SEMTECH-SC804EVB Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804IMLTRT SEMTECH-SC804IMLTRT Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
More results

Similar Description - SC804A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
   Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com