Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC806 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC806
Description  Miniature High Current Lithium-Ion Battery Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC806 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC806 Datasheet HTML 5Page - Semtech Corporation SC806 Datasheet HTML 6Page - Semtech Corporation SC806 Datasheet HTML 7Page - Semtech Corporation SC806 Datasheet HTML 8Page - Semtech Corporation SC806 Datasheet HTML 9Page - Semtech Corporation SC806 Datasheet HTML 10Page - Semtech Corporation SC806 Datasheet HTML 11Page - Semtech Corporation SC806 Datasheet HTML 12Page - Semtech Corporation SC806 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
 2004 Semtech Corp.
www.semtech.com
SC806
POWER MANAGEMENT
SC806 State Diagram
Shutdown Mode
Vout/Iout off
CHRGB High Z
Soft Start CC Mode
Start Pre-Charge
OVP> Vin > UVLO
Iout=1500/Rprog
Iout=150/Rterm
Under Voltage will force the
SC806 into Shutdown Mode
from any state.
Monitor Mode
Vout=off
Yes
Dis=Hi
Vout>2.8V
Iout<Iterm
Vout=CV
Start CV Mode
CHRGB Low
CHRGB High Z
Vout< CV-100mV
OV or OT forces the
output off and
CHRGB blinks at 1Hz
Charge resumes when the
Fault is removed
CC=Constant Current
CV=Constant Voltage
Yes
Yes
Yes
CPB=Low


Similar Part No. - SC806

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC80-P10 GARDTEC-SC80-P10 Datasheet
26Kb / 1P
   Thru-hole Plastic
logo
Switchcraft, Inc.
SC800 SWITCH-SC800 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
celduc-relais
SC800010 CELDUC-SC800010 Datasheet
107Kb / 2P
   Power Solid State Relay
logo
SHENZHEN FUMAN ELECTRON...
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
   3W audio power amplifier IC
logo
Switchcraft, Inc.
SC800CT SWITCH-SC800CT Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
More results

Similar Description - SC806

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC805 SEMTECH-SC805 Datasheet
283Kb / 15P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC805A SEMTECH-SC805A_08 Datasheet
424Kb / 17P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC805A SEMTECH-SC805A Datasheet
702Kb / 17P
   Miniature Integrated High Current Lithium-Ion Battery Charger
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Semtech Corporation
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com