Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1771PWG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1771PWG4
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1771PWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1771PWG4 Datasheet HTML 6Page - Texas Instruments PCM1771PWG4 Datasheet HTML 7Page - Texas Instruments PCM1771PWG4 Datasheet HTML 8Page - Texas Instruments PCM1771PWG4 Datasheet HTML 9Page - Texas Instruments PCM1771PWG4 Datasheet HTML 10Page - Texas Instruments PCM1771PWG4 Datasheet HTML 11Page - Texas Instruments PCM1771PWG4 Datasheet HTML 12Page - Texas Instruments PCM1771PWG4 Datasheet HTML 13Page - Texas Instruments PCM1771PWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
www.ti.com
De-Emphasis Curves
f – Frequency [ fS]
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
G003
f – Frequency – kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
16
18
20
G004
0.01
0.10
1.00
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
VCC – Supply Voltage – V
1
0.1
0.01
0 dB
–20 dB
G005
VCC – Supply Voltage – V
92
94
96
98
100
102
104
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
G006
PCM1770, PCM1771
SLES011E – SEPTEMBER 2001 – REVISED MARCH 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at T
A = 25°C, VCC = VHP 2.4 V, fS = 44.1 kHz, system clock = 256 fS, 24-bit data, and RL = 16 Ω, unless
otherwise noted.
DE-EMPHASIS LEVEL
DE-EMPHASIS ERROR
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 5.
Figure 6.
10
Submit Documentation Feedback


Similar Part No. - PCM1771PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1771PW TI-PCM1771PW Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1771PWR TI-PCM1771PWR Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
More results

Similar Description - PCM1771PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com