Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1771 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1771
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1771 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1771 Datasheet HTML 3Page - Texas Instruments PCM1771 Datasheet HTML 4Page - Texas Instruments PCM1771 Datasheet HTML 5Page - Texas Instruments PCM1771 Datasheet HTML 6Page - Texas Instruments PCM1771 Datasheet HTML 7Page - Texas Instruments PCM1771 Datasheet HTML 8Page - Texas Instruments PCM1771 Datasheet HTML 9Page - Texas Instruments PCM1771 Datasheet HTML 10Page - Texas Instruments PCM1771 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
www.ti.com
TERMINAL FUNCTIONS (CONTINUED)
PCM1770, PCM1771
SLES011E – SEPTEMBER 2001 – REVISED MARCH 2007
PCM1770RGA
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
4
Analog ground. This is a return for VCC.
AIN
10
I
Monaural analog signal mixer input. The signal can be mixed with the outputs of the L- and R-channel DACs.
BCK
2
I/O
Serial bit clock. Clocks the individual bits of the audio data input, DATA. In the slave interface mode, this clock
is input from an external device. In the master interface mode, the PCM1770 device generates the BCK output
to an external device.
DATA
1
I
Serial audio data input
HGND
5
Analog ground. This is a return for VHP.
HOUTL
9
O
L-channel analog signal output of the headphone amplifiers
HOUTR
7
O
R-channel analog signal output of the headphone amplifiers
LRCK
20
I/O
Left and right clock. Determines which channel is being input on the audio data input, DATA. The frequency of
LRCK must be the same as the audio sampling rate. In the slave interface mode, this clock is input from an
external device. In the master interface mode, the PCM1770 device generates the LRCK output to an external
device.
MC
14
I
Mode control port serial bit clock input. Clocks the individual bits of the control data input, MD.
MD
13
I
Mode control port serial data input. Controls the operation mode on the PCM1770 device.
MS
15
I
Mode control port select. The control port is active when this terminal is low.
NC
8, 17,
No connect
18, 19
PD
3
I
Reset input. When low, the PCM1770 device is powered down, and all mode control registers are reset to
default settings.
SCKI
16
I
System clock input
VCC
12
Power supply for all analog circuits except the headphone amplifier.
VCOM
6
Decoupling capacitor connection. An external 10-µF capacitor connected from this terminal to analog ground is
required for noise filtering. Voltage level of this terminal is 0.5 VHP nominal.
VHP
11
Analog power supply for the headphone amplifier circuits. The voltage level must be the same as VCC.
7
Submit Documentation Feedback


Similar Part No. - PCM1771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1771PW TI-PCM1771PW Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1771PWR TI-PCM1771PWR Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1771RGA TI-PCM1771RGA Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1771RGAR TI-PCM1771RGAR Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
More results

Similar Description - PCM1771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com