Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ10VA Datasheet(PDF) 1 Page - Weitron Technology

Part # MMBZ10VA
Description  SMALL SIGNAL ZENER DIODES 300m WATTS 3-26 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBZ10VA Datasheet(HTML) 1 Page - Weitron Technology

  MMBZ10VA Datasheet HTML 1Page - Weitron Technology MMBZ10VA Datasheet HTML 2Page - Weitron Technology MMBZ10VA Datasheet HTML 3Page - Weitron Technology MMBZ10VA Datasheet HTML 4Page - Weitron Technology MMBZ10VA Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dual Common Anode Zener TVS
WEITRON
http://www.weitron.com.tw
SMALL SIGNAL
ZENER DIODES
300m WATTS
3-26 VOLTS
MMBZ5V6A Series
*Allows Either Two Separate Unidirectional Configuations or a Single
Bidirectional Configuations.
*Low Leakage Current.
*24-40 Watts Peak Power Protection.
*Excellent Clamping Capability.
*ESD Rating of Class N(exceeding 16KV)per the Human Body Model.
*Transient Voltage Suppressors Encapsulated in a SOT-23 Package.
Mechanical Data:
*Case: Molded Epoxy
*Marking: Marking Code
*Maximum Case Temperature for Soldering Purpose: 260 C for 10 sec.
*Weight: 0.008grams(approx.)
Features:
SOT-23 Outline Dimensions
Unit:mm
Dim
A
B
C
D
E
G
H
J
K
L
M
Min
0.35
1.19
2.10
0.85
0.46
1.70
2.70
0.01
0.89
0.30
0.076
Max
0.51
1.40
3.00
1.05
1.00
2.10
3.10
0.13
1.10
0.61
0.25
A
B
D
E
G
M
L
H
J
TOP VIEW
K
C
SOT-23
1
2
3


Similar Part No. - MMBZ10VA

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ10VA SKTECHNOLGY-MMBZ10VA Datasheet
1Mb / 4P
   Dual Common Anode Zener TVS
logo
Rohm
MMBZ10VAL ROHM-MMBZ10VAL Datasheet
1Mb / 10P
   Transient Voltage suppressor
logo
Diodes Incorporated
MMBZ10VAL DIODES-MMBZ10VAL Datasheet
71Kb / 4P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
logo
Rohm
MMBZ10VAL ROHM-MMBZ10VAL Datasheet
1Mb / 10P
   Transient Voltage suppressor
logo
ON Semiconductor
MMBZ10VAL ONSEMI-MMBZ10VAL Datasheet
70Kb / 8P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
More results

Similar Description - MMBZ10VA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
First Components Intern...
FMBZ5221B FCI-FMBZ5221B Datasheet
3Mb / 3P
   Surface Mount Zener Diodes 225m WATTS SMALL SIGNAL
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com