Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2738 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2738
Description  Ultra Low Output Voltage Dual Linear FET Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2738 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2738 Datasheet HTML 5Page - Semtech Corporation SC2738 Datasheet HTML 6Page - Semtech Corporation SC2738 Datasheet HTML 7Page - Semtech Corporation SC2738 Datasheet HTML 8Page - Semtech Corporation SC2738 Datasheet HTML 9Page - Semtech Corporation SC2738 Datasheet HTML 10Page - Semtech Corporation SC2738 Datasheet HTML 11Page - Semtech Corporation SC2738 Datasheet HTML 12Page - Semtech Corporation SC2738 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
 2004 Semtech Corp.
www.semtech.com
SC2738
POWER MANAGEMENT
Drive Pin Output Current (Sourcing) vs.
Junction Temperature vs. Input Voltage
Drive Pin Output Current (Sinking) vs.
Junction Temperature vs. Input Voltage
Typical Characteristics (Cont.)
Drive Pin Output Voltage (Full On) vs.
Junction Temperature vs. Input Voltage
Under Voltage Trip Threshold
vs. Junction Temperature
Power Good Threshold vs.
Junction Temperature
Power Good Logic Low Output Voltage
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VEN = 5V
VADJ < VBG
VIN = 12V
VIN = 5V
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
125
TJ (°C)
VEN = 5V
VADJ > VBG
VIN = 5V
VIN = 12V
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
TJ (°C)
VEN = 5V
IDRV = 0mA
VADJ < VBG
VIN = 12V
VIN = 5V
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = 5V
-15.0
-12.5
-10.0
-7.5
-5.0
-2.5
0.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = 5V
Startup only
Normal operation
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = 5V
VADJ = 0.4V
IPGD = -1mA


Similar Part No. - SC2738

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC2 SWITCH-SC2 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
Pepperl+Fuchs Inc.
SC2-N0-GN PF-SC2-N0-GN Datasheet
247Kb / 4P
   Inductive slot sensor
SC2-N0-YE PF-SC2-N0-YE Datasheet
247Kb / 4P
   Inductive slot sensor
logo
Lapp.
SC2.2 LAPP-SC2.2 Datasheet
314Kb / 4P
   MULTI-STANDARD SC 2.2
13.01.2017
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
   Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
More results

Similar Description - SC2738

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
   1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com