Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY22L Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATTINY22L
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY22L Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATTINY22L_1 Datasheet HTML 42Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 43Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 44Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 45Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 46Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 47Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 48Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 49Page - ATMEL Corporation ATTINY22L_1 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
ATtiny22L
46
Figure 38. Power Down Supply Current vs. V
CC
Figure 39. Oscillator Frequency vs. V
CC
Note:
The frequency of the RC-oscillator may be ±10% off the typical value for a given temperature and VCC.
0
20
40
60
80
100
120
140
160
180
2
2.5
3
3.5
4
4.5
5
5.5
6
T = 85˚C
A
POWER DOWN SUPPLY CURRENT vs. Vcc
V
cc(V)
WATCHDOG TIMER ENABLED
T = 25˚C
A
0
200
400
600
800
1000
1200
1400
1600
2
2.5
3
3.5
4
4.5
5
5.5
6
T = 85˚C
A
T = 25˚C
A
RC OSCILLATOR FREQUENCY vs. Vcc
V (V)
cc


Similar Part No. - ATTINY22L_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY22L-1PC ATMEL-ATTINY22L-1PC Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L-1PI ATMEL-ATTINY22L-1PI Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L-1SC ATMEL-ATTINY22L-1SC Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L-1SI ATMEL-ATTINY22L-1SI Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results

Similar Description - ATTINY22L_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2323 ATMEL-AT90S2323 Datasheet
983Kb / 64P
   8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com