Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT49C10-1 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT49C10-1
Description  LCD Type 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C10-1 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT49C10-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C10-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Pad Description
Pad Name
I/O
Options
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high
or None
CMOS or
NMOS
PA0~PA7 constitute an 8-bit bidirectional input/output port with Schmitt trig-
ger input capability. Each pin on the port can be configured as a wake-up in-
put by configuration options. PA0~PA3 can be configured as a CMOS output
or NMOS input/output with or without pull-high resistor by configuration op-
tions. PA4~PA7 are always pull-high NMOS input/output. PA0~PA1 can be
setup as I/O pins or buzzer outputs by a configuration option. PA3 can be
setup as an I/O pin or as a PFD output also by a configuration option.
PB0/INT
PB2/TMR
I
¾
PB0 and PB2 constitute a 2-bit Schmitt trigger input port. Each pin on the port
has a pull-high resistor. PB0 can be setup as an input pin or an external inter-
rupt control pin (INT) by software application. PB2 can be setup as an input
pin or as a timer/event counter input pin TMR also by software.
VLCD
I
¾
LCD power supply
V1, V2, C1, C2
I
¾
Voltage pump
COM0~COM2
COM3/SEG14
O
1/2, 1/3or1/4
Duty
SEG14 can be setup as a segment or as a common output driver for LCD
panel by a configuration option. COM0~COM2 are the outputs for LCD
panel.
SEG0~SEG13
O
¾
LCD driver outputs for LCD panel segments
OSC1
OSC2
I
O
Crystal or RC
OSC1 and OSC2 are connected to an RC network or a crystal, a
configuration option for the internal system clock. In the case of RC opera-
tion, OSC2 is the output terminal for 1/4 system clock.
The system clock may come from the RTC oscillator. If the system clock co-
mes from RTC OSC, these two pins can be left floating.
OSC3
OSC4
I
O
RTC or
System Clock
Real time clock oscillators. OSC3 and OSC4 are connected to a 32768Hz
crystal oscillator for timing purposes or to a system clock source (depending
upon the configuration options).
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
RES
I
¾
Schmitt trigger reset input, active low
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT49R10A-1/HT49C10-1
Rev. 1.20
3
July 27, 2007


Similar Part No. - HT49C10-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C10-1 HOLTEK-HT49C10-1 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49C10-1 HOLTEK-HT49C10-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49C10-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com