Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48CA3 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT48CA3
Description  Remote Type 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA3 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48CA3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48CA3 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
HT48RA3/HT48CA3
Rev. 1.30
9
October 12, 2007
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PDF), and watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
With the exception of the TO and PDF flags, bits in
the status register can be altered by instructions like
most other registers. Any data written into the status
register will not change the TO or PDF flag. In addi-
tion operations related to the status register may give
different results from those intended. The TO flag
can be affected only by system power-up, a WDT
time-out or executing the
²CLR WDT² or ²HALT² in-
struction. The PDF flag can be affected only by exe-
cuting the
²HALT² or ²CLR WDT² instruction or
during a system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The device provides an external interrupt and internal
timer/event counter interrupts. The Interrupt Control
Register (INTC;0BH) contains the interrupt control bits
to set the enable or disable and the interrupt request
flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC may be set
to allow interrupt nesting. If the stack is full, the interrupt
request will not be acknowledged, even if the related in-
terrupt is enabled, until the SP is decremented. If immedi-
ate service is desired, the stack must be prevented from
becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at specified location in the pro-
gram memory. Only the program counter is pushed onto
the stack. If the contents of the register or status register
(STATUS) are altered by the interrupt service program
which corrupts the desired control sequence, the con-
tents should be saved in advance.
External interrupts are triggered by a high to low transi-
tion of the INT and the related interrupt request flag (EIF;
bit 4 of INTC) will be set. When the interrupt is enabled,
the stack is not full and the external interrupt is active, a
subroutine call to location 04H will occur. The interrupt
request flag (EIF) and EMI bits will be cleared to disable
other interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F; bit 5 of INTC), caused by a timer 0
overflow. When the interrupt is enabled, the stack is not
full and the T0F bit is set, a subroutine call to location
08H will occur. The related interrupt request flag (T0F)
will be reset and the EMI bit cleared to disable further in-
terrupts.
The internal Timer/Event Counter 1 interrupt is initial-
ized by setting the Timer/Event Counter 1 interrupt re-
quest flag (T1F;bit 6 of INTC), caused by a timer 1
overflow. When the interrupt is enabled, the stack is not
full and the T1F is set, a subroutine call to location 0CH
Bit No.
Labels
Function
0C
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a ro-
tate through carry instruction.
1AC
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by system power-up or executing the
²CLR WDT² instruction. PDF is set by
executing the
²HALT² instruction.
5TO
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is
set by a WDT time-out.
6
¾
Unused bit, read as
²0²
7
¾
Unused bit, read as
²0²
Status (0AH) Register


Similar Part No. - HT48CA3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
239Kb / 38P
   HT48RA3/HT48CA3
More results

Similar Description - HT48CA3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com