Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1301B Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1301B
Description  2A High Speed Low-Side MOSFET Driver in SOT-23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1301B Datasheet(HTML) 7 Page - Semtech Corporation

  SC1301B Datasheet HTML 1Page - Semtech Corporation SC1301B Datasheet HTML 2Page - Semtech Corporation SC1301B Datasheet HTML 3Page - Semtech Corporation SC1301B Datasheet HTML 4Page - Semtech Corporation SC1301B Datasheet HTML 5Page - Semtech Corporation SC1301B Datasheet HTML 6Page - Semtech Corporation SC1301B Datasheet HTML 7Page - Semtech Corporation SC1301B Datasheet HTML 8Page - Semtech Corporation SC1301B Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
 2007 Semtech Corp.
www.semtech.com
SC1301A/B
POWER MANAGEMENT
Typical Characteristics
Supply Current vs Vcc
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
3.5
5.5
7.5
9.5
11.5
13.5
15.5
Vcc (V)
En = Input= Vcc
TA = 25°C
En = Input= 0V
En = V cc,Input= 0V
En = 0V ,Input= Vcc
Supply Current vs Temperature
2000
2500
3000
3500
4000
4500
5000
5500
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vcc = 12V
En = Input= 0V
En = 0V ,Input= Vcc
En = Vcc,Input= 0V
En = Input= Vcc
UVLO vs Temperature
3.850
3.900
3.950
4.000
4.050
4.100
4.150
4.200
4.250
4.300
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Enable Threshold Voltage vs Temperature
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vcc = 12V, Vin = 5V
Enabled
Disabled
Input Threshold Voltage vs Temperature
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
High
Vcc = 12V, Ven = 5V
Low
Enable Input Current vs Vcc
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
4.5
6.5
8.5
10.5
12.5
14.5
16.5
Vcc (V)
Input = Vcc
Input = 0V


Similar Part No. - SC1301B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
   Step-up DC/DC Converter IC
More results

Similar Description - SC1301B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR44252LPBF IRF-IR44252LPBF Datasheet
728Kb / 14P
   SOT-23 Single Low-Side Driver IC
logo
Infineon Technologies A...
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
   SOT-23 Single Low-Side Driver IC
June 30, 2015
logo
International Rectifier
IR44273LPBF IRF-IR44273LPBF Datasheet
735Kb / 14P
   SOT-23 Single Low-Side Driver IC
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_11 Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
   Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
   SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
   SOT-23 High-Side Gate Driver IC
January 4, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com