Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4201 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4201
Description  Multi-Phase Link Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4201 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4201_04 Datasheet HTML 1Page - Semtech Corporation SC4201_04 Datasheet HTML 2Page - Semtech Corporation SC4201_04 Datasheet HTML 3Page - Semtech Corporation SC4201_04 Datasheet HTML 4Page - Semtech Corporation SC4201_04 Datasheet HTML 5Page - Semtech Corporation SC4201_04 Datasheet HTML 6Page - Semtech Corporation SC4201_04 Datasheet HTML 7Page - Semtech Corporation SC4201_04 Datasheet HTML 8Page - Semtech Corporation SC4201_04 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4201
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
t
i
m
i
Ls
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
7V
C
N
Y
S
,
T
RV
K
_
P
V
o
t
V
3
.
0
-
D
D
3
.
0
+V
g
n
it
a
r
e
p
Oe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
AT
A
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3
+C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
6
0
2W
/
C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
g
n
it
a
r
e
p
O
,
e
g
a
tl
o
V
y
l
p
p
u
S
V
D
D
0
.
30
.
6V
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
D
V
D
D
R
,
V
6
=
T
k
5
.
6
3
=
Ω C
,
T
U
O
F
p
0
2
=5
3
.
20
6
.
2A
m
d
l
o
h
s
e
r
h
T
t
r
a
t
S
D
D
V
0
1
.
3V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
D
D
V
0
70
0
10
3
1V
m
e
s
a
h
p
r
e
p
,
y
c
n
e
u
q
e
r
F
t
u
p
t
u
OF
T
U
O
5
-
2
g
i
F
,
s
h
p
a
r
g
e
e
S1
.
02
z
H
M
y
ti
li
b
a
t
S
y
c
n
e
u
q
e
r
F
t
u
p
t
u
OV
D
D
V
6
o
t
V
3
=0
1%
y
c
a
r
u
c
c
A
e
s
a
h
P
d
e
t
s
e
t
t
o
n
,
n
g
i
s
e
d
y
B1
%
d
l
o
h
s
e
r
h
T
t
u
p
n
I
c
n
y
SV
C
N
Y
S
n
o
it
p
ir
c
s
e
d
n
i
p
e
e
SV
D
D
3
/V
e
m
i
T
e
s
i
R
P
/
O
T
R
C
T
U
O
V
,
F
p
0
2
=
D
D
V
6
o
t
V
3
=
0
1
s
n
e
m
i
T
ll
a
F
P
/
OT
F
C
T
U
O
V
,
F
p
0
2
=
D
D
V
6
o
t
V
3
=0
1
s
n
e
g
a
tl
o
V
t
u
p
t
u
OV
T
U
O
V
D
D
V
)
k
a
e
p
(
t
n
e
r
r
u
C
t
u
p
t
u
O
I
T
U
O
V
5
=
D
D
V5
2A
m
V
3
.
3
=
D
D
V0
1
e
c
n
a
d
e
p
m
I
t
u
p
t
u
OR
T
U
O
0
6
n
o
it
a
r
u
D
t
u
p
t
u
OT
P
)
1
(s
n
Unless specified: T
A = T
I
= -40 to +125°C, V
DD
= 5V, R
T
= 100K, 4-phase.
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
Note:
(1)
where T
OUT = output signal period of individual phase.
N = 3 for 3 phase operation, N = 4 for 2/4 phase operation.
N
T
T
OUT
P =


Similar Part No. - SC4201_04

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4201EVB SEMTECH-SC4201EVB Datasheet
226Kb / 9P
   Multi-Phase Link Controller
SC4201IMSTR SEMTECH-SC4201IMSTR Datasheet
226Kb / 9P
   Multi-Phase Link Controller
More results

Similar Description - SC4201_04

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4201 SEMTECH-SC4201 Datasheet
226Kb / 9P
   Multi-Phase Link Controller
logo
Motorola, Inc
MC68606 MOTOROLA-MC68606 Datasheet
94Kb / 2P
   Multi-Link LAPD(MLAPD) Protocol Controller
logo
STMicroelectronics
MK50H28 STMICROELECTRONICS-MK50H28 Datasheet
429Kb / 64P
   MULTI LOGICAL LINK FRAME RELAY CONTROLLER
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com