Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1480ITSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1480ITSTRT
Description  DDR Memory Power Supply Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC1480ITSTRT Datasheet HTML 1Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 2Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 3Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1480ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC1480
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
n
o
i
t
a
n
i
b
m
o
C
n
i
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
A
o
t
N
O
T
0
.
5
2
+
o
t
3
.
0
-V
D
N
G
A
o
t
T
S
B
,
H
D
0
.
0
3
+
o
t
3
.
0
-V
D
N
G
A
o
t
X
L
0
.
5
2
+
o
t
0
.
2
-V
D
N
G
P
o
t
D
N
G
A
3
.
0
+
o
t
3
.
0
-V
X
L
o
t
T
S
B
0
.
6
+
o
t
3
.
0
-V
D
N
G
A
o
t
P
D
D
V
,
A
C
C
V
0
.
6
+
o
t
3
.
0
-V
D
N
G
P
o
t
L
D
,
T
U
O
F
E
R
,
M
I
L
I
,
N
I
F
E
R
,
D
O
O
G
P
,
B
F
0
.
6
+
o
t
3
.
0
-V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
4
(
θ
A
J
0
0
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
Test Conditions: V
IN = 2.5V, REFIN = 1.25, VCCA = VDDP = 5.0V, VOUT = 1.25V, RTON = 1M (300kHz), 0.1% Resistor Dividers
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
s
e
il
p
p
u
S
t
u
p
n
I
e
g
a
tl
o
V
t
u
p
n
I
A
C
C
V
0
.
55
.
45
.
5V
e
g
a
tl
o
V
t
u
p
n
I
P
D
D
V
0
.
55
.
45
.
5V
e
g
a
tl
o
V
t
u
p
n
I
N
I
V0
.
25
2V
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
P
D
D
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=5
0
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
A
C
C
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=0
0
70
0
1
1A
µ
t
n
e
r
r
u
C
y
b
d
n
a
t
S
A
C
C
Vd
l
o
h
s
e
r
h
T
V
U
P
D
D
V
<
P
D
D
V
T
U
O
F
E
R
n
O
d
a
o
L
o
N
5
2
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
N
O
TR
N
O
T
)
z
H
k
0
0
3
(
M
1
=5
1A
µ
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
)
V
0
=
N
I
F
E
R
(A
C
C
V5
0
1A
µ
N
I
V
+
P
D
D
V5
0
1A
µ
r
e
ll
o
r
t
n
o
C
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
)
d
l
o
h
s
e
r
h
T
n
o
-
n
r
u
T
K
B
F
(
)
1
(
T
U
O
F
E
R
o
t
t
c
e
p
s
e
R
h
ti
W
V
5
.
5
o
t
V
5
.
4
=
A
C
C
V
T
U
O
F
E
RT
U
O
F
E
R
0
1
-
T
U
O
F
E
R
0
1
+
V
m
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.


Similar Part No. - SC1480ITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480AEVB SEMTECH-SC1480AEVB Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480AITSTRT SEMTECH-SC1480AITSTRT Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
More results

Similar Description - SC1480ITSTRT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
   Complete DDR Memory Power Supply Controller
April 2021
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
   SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
   SDRAM/DDR Memory Controller
logo
Maxim Integrated Produc...
MAX1809 MAXIM-MAX1809 Datasheet
803Kb / 17P
   3A, 1MHz, DDR Memory Termination Supply
19-2142; Rev 1; 9/02
logo
STMicroelectronics
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
   Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
   Complete DDR2/3 memory power supply controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com