Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC553 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC553
Description  150mA Ultra Low Dropout Regulator with Adjustable Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC553 Datasheet(HTML) 1 Page - Semtech Corporation

  SC553 Datasheet HTML 1Page - Semtech Corporation SC553 Datasheet HTML 2Page - Semtech Corporation SC553 Datasheet HTML 3Page - Semtech Corporation SC553 Datasheet HTML 4Page - Semtech Corporation SC553 Datasheet HTML 5Page - Semtech Corporation SC553 Datasheet HTML 6Page - Semtech Corporation SC553 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC553
150mA Ultra Low Dropout
Regulator with Adjustable Output
Features
Revision: April 20, 2004
Description
The SC553 is a low dropout linear regulator that
operates from a +2.25V to +6.5V input range and
delivers up to 150mA. A PMOS pass transistor allows
the low 75µA supply current to remain independent of
load, making these devices ideal for battery operated
portable equipment such as cellular phones, cordless
phones and personal digital assistants.
The SC553 has an adjust pin (ADJ) enabling the user to
set the output voltage anywhere from 1.25V to 6V. For a
low noise version, see SC1453 and for an error flag see
SC1457. Other features include low powered shutdown,
short circuit protection, thermal shutdown protection and
reverse battery protection. The SC553 comes in the tiny
5 lead SOT-23 package.
! Battery Powered Systems
! Cellular Telephones
! Cordless Telephones
! Personal Digital Assistants
! Portable Instrumentation
! Modems
! PCMCIA cards
! “5205” compatible pinout
! 2% output accuracy guaranteed over line, load and
temperature
! Guaranteed 150 mA output current
! Very small external components - designed to work
with ceramic capacitors
! Output adjustable from 1.25V to 6V
! Very low supply current
! Thermal overload protection
! Reverse battery protection
! Low power shutdown
! Full industrial temperature range
! Surface mount packaging (5 pin SOT-23)
U1
SC553
1
2
3
4
5
IN
GND
EN
ADJ
OUT
R2
C1
1uF
R1
VIN
C2
1uF
VOUT
Applications
Typical Application Circuit
 +
=
2
R
1
R
1
250
.
1
V
OUT


Similar Part No. - SC553

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC556 FUMAN-SC556 Datasheet
418Kb / 10P
   Timing from microseconds to hours
logo
Hammond Manufacturing L...
SC556-50 HAMMOND-SC556-50 Datasheet
689Kb / 1P
   FRABS DESKTOP/WALL MOUNT/IOT IND
REV: 20.01.2023
More results

Similar Description - SC553

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1457 SEMTECH-SC1457 Datasheet
218Kb / 13P
   150mA Ultra Low Dropout Regulator with Undervoltage Flag
logo
Taiwan Semiconductor Co...
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com