Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS285 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS285
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS285 Datasheet HTML 1Page - Advanced Monolithic Systems AMS285 Datasheet HTML 2Page - Advanced Monolithic Systems AMS285 Datasheet HTML 3Page - Advanced Monolithic Systems AMS285 Datasheet HTML 4Page - Advanced Monolithic Systems AMS285 Datasheet HTML 5Page - Advanced Monolithic Systems AMS285 Datasheet HTML 6Page - Advanced Monolithic Systems AMS285 Datasheet HTML 7Page - Advanced Monolithic Systems AMS285 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS285/AMS385
TYPICAL APPLICATIONS (Continued)
Bidirectional Clamp
± 2.4V
Bidirectional Adjustable Clamp
± 1.8V to ± 2.4V
Bidirectional Adjustable Clamp
± 2.4V to ± 6V
TYPICAL PERFORMANCE CHARACTERISTICS
R3
510k
R2
510k
+
-
FB
AMS385
R1
V
IN
D1
1N457
-
+
AMS385
D2
1N457
FB
V
OUT
I
R4
390k
R3
510k
R2
510k
+
-
FB
AMS385
R1
V
IN
D1
1N457
-
+
AMS385
D2
1N457
FB
V
OUT
I
R3
1M
R2
330k
+
-
FB
AMS385
R1
V
IN
D1
1N457
-
+
AMS385
D2
1N457
FB
V
OUT
I
R4
330k
T
Y
TEMPCO
=
0
-5
AMS285 Typical Temperature Coefficient
-10
0
25
50
75
100 125
TEMPERATURE (° C)
-50
-25
∆T
∆Y
0
-5
-10
025
70
TEMPERATURE (° C)
∆T
∆Y
AMS385 Typical Temperature Coefficient
80
-40


Similar Part No. - AMS285

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2AL ADMOS-AMS285-1.2AL Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2AN ADMOS-AMS285-1.2AN Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2AS ADMOS-AMS285-1.2AS Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS285

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
   Adjustable Micropower Voltage Reference
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com