Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVK-SH3000USB Datasheet(PDF) 6 Page - Semtech Corporation

Part # EVK-SH3000USB
Description  Reset Management and Clock Management Support IC for Microcontrollers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVK-SH3000USB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button EVK-SH3000USB Datasheet HTML 2Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 3Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 4Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 5Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 6Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 7Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 8Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 9Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SH3002 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2002-2005 Semtech Corporation
6
V1.20 www.semtech.com
Since the clock is only active for the last 1 or 2 ms of
the reset interval, when VDD has already been valid for
some time, energy savings are realized and the startup
of the whole system is made easier. The commonly
used reset approach forces the processor to turn the
oscillator on and to run at full speed (thus consuming full
power) during the critical time when the (possibly
depleted) battery is trying to raise VDD to an acceptable
level. In contrast, the SH3002 allows the power source
to charge the bypass capacitors and raise the level of
VDD with little additional load. Only when power has
stabilized is the target micro permitted to start expending
energy.
When a brownout event occurs, the SH3002
continues to provide the clock to the target processor,
but at a reduced frequency between 500 kHz and
1.0 MHz. After a delay of 2 ms this clock is stopped,
automatically lowering the energy consumption of the
whole system, see Figure 2.
A Noise Filter (see Figure 1) prevents reset
activations from noise and small power glitches on the
VDD line. A typical behavior is shown in Figure 3 for the
VDD level just above VBO and various amplitudes and
durations of the negative-going spikes.
When VDD is falling, both reset lines are guaranteed
to activate within 5 µs from the time VBO is crossed over.
VDD
RST
N
RST
CLKOUT
Figure 2. Operations of low VDD / Brownout Detector
1V
VBO
VBO + VHYST
3-5ms
12ms minimum
2 ms
2 ms
1 ms
Undefined
Normal
FOUT
Reduced FOUT
0.5-1.0 MHz
6ms
0
5
10
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
Amplitude, V
Guaranteed NO reset
Guaranteed reset
Duration
Figure 3. Response to negative voltage spikes


Similar Part No. - EVK-SH3000USB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EVK-SH3000USB SEMTECH-EVK-SH3000USB Datasheet
658Kb / 30P
   MicroBuddy짰 Support IC for Microcontrollers
EVK-SH3000USB SEMTECH-EVK-SH3000USB Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
More results

Similar Description - EVK-SH3000USB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
   Clock, reset and supply management
April 2017 Rev 5
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
   Clock, reset and supply management
July 2007 Rev 1
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
   Clock, reset and supply management
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
   Clock, reset and supply management
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
   Clock, reset and supply management
August 2016 Rev 13
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
   Clock, reset and supply management
January 2015 Rev 3
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com