Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH3001 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SH3001
Description  Real-Time Clock and Clock Management Support IC for Microcontrollers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3001 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SH3001 Datasheet HTML 3Page - Semtech Corporation SH3001 Datasheet HTML 4Page - Semtech Corporation SH3001 Datasheet HTML 5Page - Semtech Corporation SH3001 Datasheet HTML 6Page - Semtech Corporation SH3001 Datasheet HTML 7Page - Semtech Corporation SH3001 Datasheet HTML 8Page - Semtech Corporation SH3001 Datasheet HTML 9Page - Semtech Corporation SH3001 Datasheet HTML 10Page - Semtech Corporation SH3001 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SH3001 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2002-2005 Semtech Corporation
7
V1.15
www.semtech.com
Special Operating Modes
The SH3001 can operate stand-alone, without
connections to the In and Out terminals of the host’s
oscillator. For example, a bank of SH3001 chips can
generate several different frequencies for simultaneous
use in the system, all controlled by a single micro (and
possibly sharing one 32.768 kHz crystal by chaining the
CLK32 pin to XIN pin on the next device). In this case
the CLKIN pin should be connected to VSS. The clock
output on the CLKOUT pin is continuous; the correct
operating mode is automatically recognized by the
SH3001.
Real-Time Support
The SH3001 has two support modules that are
specifically designed for various real time support
functions. They are the Real-Time Clock and the
Periodic Interrupt / Wakeup Timer. Both of these units
as well as other functions of the SH3001 depend on the
internal 32.768 kHz clock for accuracy.
With one external component (a 32.768 kHz crystal),
the SH3001 can provide a processor clock accuracy of
± 256 ppm (± 0.0256%) and the accuracy of the real-
time system of ± 4 ppm (± 0.0004%).
A microcontroller might not have a STOP command.
With the SH3001, this controller can do a “simulated”
STOP by issuing an instruction to the SH3001 to stop
the clock. This command is accepted only if the Periodic
Interrupt / Wakeup Timer has started (otherwise, once
the system is put to sleep, it would never wake up
again). This mode of operations is only possible if the
host processor is capable of correct operations with
clock frequency down to zero, and keeps all of the
internal RAM alive while the clock is stopped.
Low Frequency (LF) Oscillator System
This module provides the 32.768 kHz clock to all
internal circuits and to the dedicated output pin, CLK32.
If enabled, the CLK32 output continues normal
operations when VDD is absent and backup power is
available.
When the power is first applied to the SH3001, the
RC oscillator takes over. It supplies the 32.768 kHz
clock for start-up and initialization. Once the crystal has
started and stabilized, the internal 32.768 kHz clock
switches to the very accurate crystal frequency; see
Figure 2.
5
6
7
VREG
RC
Oscillator
13
Internal
32.768 kHz
Clock
X-tal stable?
Internal RREF
32.768 kHz
Crystal
12.5 pF Load
Capacitance
Figure 2. Simplified LF Oscillator System
1
CLK32
XIN
XOUT
CLKSEL
8
VSS
VSS
CLK32 ON
4-bit Value
6-bit Value
4-bit Value
Lock / Unlock
Logic
Lock Logic
INTERNAL
RREF ON
From / To
Serial I/O


Similar Part No. - SH3001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SH300 LITTELFUSE-SH300 Datasheet
450Kb / 4P
   Gas Discharge Tubes
Revised: GD. 03/09/21
logo
Semtech Corporation
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
658Kb / 30P
   MicroBuddy짰 Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
More results

Similar Description - SH3001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
Zilog, Inc.
EZ80F915005MODG ZILOG-EZ80F915005MODG Datasheet
581Kb / 22P
   Real-time clock support
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
   Real-time Clock IC
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com