Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR30AM Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BCR30AM
Description  Triac 30 Ampere/400-600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR30AM Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BCR30AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR30AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR30AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR30AM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
BCR30AM-8
BCR30AM-12
Units
On-state Current, Tc = 75°C
IT(RMS)
30
30
Amperes
Repetitive Peak Off-state Voltage (Gate Open)
VDRM
400
600
Volts
Non-repetitive Peak Off-state Voltage (Gate Open)
VDSM
500
720
Volts
Non-repetitive Peak On-state Voltage, One Cycle (60 Hz)
ITSM
300
300
Amperes
I2t for Fusing, t = 8.3 msec
I2t
378
378
A2sec
Peak Gate Power Dissipation, 20
sec
PGM
5
5
Watts
Average Gate Power Dissipation
PG(avg)
0.5
0.5
Watts
Peak Gate Current
IGM
2
2
Amperes
Peak Gate Voltage
VGM
10
10
Volts
Storage Temperature
Tstg
-40 to 125
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
-40 to 125
°C
Weight
4.8
4.8
Grams
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Test Conditions (Trigger Mode)
BCR30GM
Characteristics
Symbol
VD
RL
RG
Tj
Min.
Typ.
Max.
Units
Gate Parameters
DC Gate Trigger Current
MT2+ Gate+
IFGT I
6V
6
330
25°C
50
mA
MT2+ Gate–
IRGT I
6V
6
330
25°C
50
mA
MT2– Gate–
IRGT III
6V
6
330
25°C
50
mA
DC Gate Trigger Voltage
MT2+ Gate+
VFGT I
6V
6
330
25°C
2.5
Volts
MT2+ Gate–
VRGT I
6V
6
330
25°C
2.5
Volts
MT2– Gate–
VRGT III
6V
6
330
25°C
2.5
Volts
DC Gate Non-trigger Voltage
All
VGD
1/2 VDRM
125°C
0.2
Volts
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction-to-case
Rth(c-f)
1.2
°C/W
Voltage – Blocking State
IDRM
Gate Open Circuited,
3
mA
Repetitive Off-state Current
VD = VDRM, Tj = 125°C
Current – Conducting State
VTM
Tc = 25°C,
1.6
Volts
Peak On-state Voltage
ITM = 45A
Critical Rate-of-Rise of Commutating
(dv/dt)c
V/ s
Off-state Voltage (Commutating dv/dt)
v (Switching)
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR30AM
Triac
30 Ampere/400-600 Volts
T-88


Similar Part No. - BCR30AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR30AM-12LA RENESAS-BCR30AM-12LA Datasheet
107Kb / 7P
   Triac Medium Power Use
BCR30AM-12LA-A8 RENESAS-BCR30AM-12LA-A8 Datasheet
107Kb / 7P
   Triac Medium Power Use
BCR30AM-12LB RENESAS-BCR30AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
logo
Inchange Semiconductor ...
BCR30AM-12LB ISC-BCR30AM-12LB Datasheet
172Kb / 1P
   isc Thyristors
More results

Similar Description - BCR30AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR20AM POWEREX-BCR20AM Datasheet
72Kb / 4P
   Triac 20 Ampere/400-600 Volts
BCR1AM POWEREX-BCR1AM Datasheet
70Kb / 4P
   Lead-Mount Triac 1 Ampere/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
   Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
   Triac 6 Amperes/400-600 Volts
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
   Triac 10 Amperes/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
   Triac 3 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
   Triac 12 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com