Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2615MLTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2615MLTR
Description  Complete DDR Power Solution
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2615MLTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2615MLTR Datasheet HTML 5Page - Semtech Corporation SC2615MLTR Datasheet HTML 6Page - Semtech Corporation SC2615MLTR Datasheet HTML 7Page - Semtech Corporation SC2615MLTR Datasheet HTML 8Page - Semtech Corporation SC2615MLTR Datasheet HTML 9Page - Semtech Corporation SC2615MLTR Datasheet HTML 10Page - Semtech Corporation SC2615MLTR Datasheet HTML 11Page - Semtech Corporation SC2615MLTR Datasheet HTML 12Page - Semtech Corporation SC2615MLTR Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
POWER MANAGEMENT
SC2615
11
 2003 Semtech Corp.
www.semtech.com
Description
The MLP18 is a leadless package whose electrical
connections are made by lands on the bottom surface
of the component. These lands are soldered directly to
the PC board. The MLP has an exposed die attach pad,
which enhances the thermal and electrical characteristics
enabling high power applications. Power handling capability
of the MLP package is typically >2x the power of other
SMT packages. In order to take full advantage of this
feature the exposed pad must be physically connected
to the PCB substrate with solder.
Thermal Pad Via Design
Thermal data (
θja) for the MLP18 is based on a 4 layer
PCB incorporating vias which act as the thermal path to
other layers. (Ref: Jedec Specification JESD 51-5). Based
on thermal performance, four-layer PCB’s with vias are
recommended to effectively remove heat from the device.
Vias should be 0.3mm diameter on a 1.2mm pitch, and
should be plugged to prevent voids being formed between
the exposed pad and PCB thermal pad due to solder
escaping by capillary action. Plugging can be accomplished
by “tenting” the via during the solder mask process. The
via solder mask diameter should be 100µm larger than
the via diameter.
Two layer boards have no vias, thus any heat sinking must
be accomplished in the same plane as the metal traces.
This will typically require an increase in the PC board area.
Mounting Considerations
Solder Mask
Design the solder mask around all pads on each side,
i.e. there should be no solder mask between adjacent
terminal fingers.
Exposed Pad Stencil Design
It is good practice to minimize the presence of voids within
the exposed pad inter-connection. Total elimination is
difficult but the design of the exposed pad stencil is
important, a single slotted rectangular pattern is
recommended. (If large exposed pads are screened with
excessive solder, the device may “float”, thus causing a
gap between the MLP terminal and the PCB land
metalization.) The proposed stencil designs enables out-
gassing of the solder paste during reflow as well as
controlling the finished solder thickness.


Similar Part No. - SC2615MLTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC261 MOTOROLA-SC261 Datasheet
94Kb / 2P
   Triacs Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
   Hermetic Triacs
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
   Hermetic Triacs
logo
VITALCONN ELECTRONICS H...
SC261 VITALCONN-SC261 Datasheet
437Kb / 3P
   SFP2*6 CAGECONN
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
More results

Similar Description - SC2615MLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
SC2516 SEMTECH-SC2516 Datasheet
263Kb / 15P
   Complete Three-in-One DDR Power Solution With BF_CUT
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
[Old version datasheet]   complete DDR4 memory power solution
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
   Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
   Complete Backlight Solution
logo
ON Semiconductor
NCL31000 ONSEMI-NCL31000 Datasheet
1Mb / 44P
   Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
   Complete DDR Memory Power Supply Controller
April 2021
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
   A complete communications solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com