Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2905CD-2.85 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2905CD-2.85
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2905CD-2.85 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2905CD-2.85 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2905CD-2.85 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2905CD-2.85 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2905CD-2.85 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2905CD-2.85 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2905CD-2.85 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2905CD-2.85 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2905CD-2.85 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS2905
Monolithic
500mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Three Terminal Adjustable or Fixed Voltages*
• High Efficiency Linear Regulators
1.5V, 1.8V, 2.5V, 2.85V, 3.3V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 500mA
• 5V to 3.3V Linear Regulator
• Operates Down to 1V Dropout
• Battery Chargers
• Line Regulation: 0.2% Max.
• Sound Cards
• Load Regulation: 0.4% Max.
• Power Management for Notebook
• TO-252, SOT-223 and SOT-89 packages
• Battery Powered Instrumentation
GENERAL DESCRIPTION
The AMS2905 series of adjustable and fixed voltage regulators are designed to provide 500mA output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS2905 devices are pin compatible with other three-terminal regulators and are offered in the low profile surface mount
TO-252(DPAK), SOT-223 and SOT-89 packages.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
SOT-89
TO-252
SOT-223
TEMPERATURE
RANGE
AMS2905CL
AMS2905CD
AMS2905
-40 to 125
° C
AMS2905CL-1.5
AMS2905CD-1.5
AMS2905-1.5
-40 to 125
° C
AMS2905CL-1.8
AMS2905CD-1.8
AMS2905-1.8
-40 to 125
° C
AMS2905CL-2.5
AMS2905CD-2.5
AMS2905-2.5
-40 to 125
° C
AMS2905CL-2.85
AMS2905CD-2.85
AMS2905-2.85
-40 to 125
° C
AMS2905CL-3.3
AMS2905CD-3.3
AMS2905-3.3
-40 to 125
° C
AMS2905CL-5.0
AMS2905CD-5.0
AMS2905-5.0
-40 to 125
° C
*For additional available fixed voltages contact factory.
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- VIN
2- Ground
3- VOUT
1- VIN
2- Adjust
3- VOUT
SOT-89 Top View
3
2
1
SOT-223 Top View
1
2
3
TO-252 Front View
1
2
3


Similar Part No. - AMS2905CD-2.85

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2905CD-25 ADMOS-AMS2905CD-25 Datasheet
71Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905CD-285 ADMOS-AMS2905CD-285 Datasheet
71Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2905CD-2.85

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com