Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4854 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4854
Description  7Ω Quad SPST Switches with Over-Rail Signal Handling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4854 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4854 Datasheet HTML 1Page - Maxim Integrated Products MAX4854 Datasheet HTML 2Page - Maxim Integrated Products MAX4854 Datasheet HTML 3Page - Maxim Integrated Products MAX4854 Datasheet HTML 4Page - Maxim Integrated Products MAX4854 Datasheet HTML 5Page - Maxim Integrated Products MAX4854 Datasheet HTML 6Page - Maxim Integrated Products MAX4854 Datasheet HTML 7Page - Maxim Integrated Products MAX4854 Datasheet HTML 8Page - Maxim Integrated Products MAX4854 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX4854 quad single-pole/single-throw (SPST)
switch operates from a single +2V to +5.5V supply and
can handle signals greater than the supply rail. This
switch features low 7Ω on-resistance with 30pF on-
capacitance, making it ideal for switching data signals.
For over-rail applications, this device passes signals
greater than the positive supply (up to +5.5V) through
the switch without distortion.
The MAX4854 is available in the space-saving, 16-pin,
3mm x 3mm thin QFN package and operates over the
-40°C to +85°C extended temperature range.
Applications
USB Switching
Cellular Phones
Notebook Computers
PDAs and Other Handheld Devices
Features
♦ USB 2.0 Full Speed (12Mbps) and USB 1.1 Signal
Switching
♦ Switches Signals Greater than VCC
♦ 7Ω On-Resistance
♦ 30pF On-Capacitance
♦ 150MHz, -3dB Bandwidth
♦ 1.8V Logic Compatibility
♦ +2V to +5.5V Supply Range
♦ Low 0.01µA Supply Current
♦ Available in a Space-Saving, 3mm x 3mm,
16-Pin TQFN Package
7
Quad SPST Switches
with Over-Rail Signal Handling
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
16
1
2
3
4
12
11
10
9
15
14
13
56
7
8
COM4
N.C.
NO4
IN3
N.C.
IN2
COM2
NO1
MAX4854
3mm x 3mm THIN QFN
CONNECT EXPOSED PADDLE TO PC BOARD GROUND.
Pin Configuration
Ordering Information
MAX4854
NO1
COM1
IN1
7Ω
NO2
COM2
IN2
7Ω
NO3
COM3
IN3
7Ω
NO4
COM4
IN4
7Ω
TRUTH TABLE
SWITCHES SHOWN
FOR LOGIC "0" INPUT
IN_
0
1
NO_
OFF
ON
Block Diagram/Truth Table
19-3472; Rev 0; 10/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*EP = Exposed paddle.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4854ETE
-40°C to +85°C
16 TQFN-EP*
ACE


Similar Part No. - MAX4854

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4854H MAXIM-MAX4854H Datasheet
277Kb / 8P
   Quad SPST, High-Bandwidth, Signal Line Protection Switch
19-3376; Rev 1; 1/05
MAX4854HETE MAXIM-MAX4854HETE Datasheet
277Kb / 8P
   Quad SPST, High-Bandwidth, Signal Line Protection Switch
19-3376; Rev 1; 1/05
MAX4854HLETE MAXIM-MAX4854HLETE Datasheet
277Kb / 8P
   Quad SPST, High-Bandwidth, Signal Line Protection Switch
19-3376; Rev 1; 1/05
More results

Similar Description - MAX4854

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4851 MAXIM-MAX4851 Datasheet
498Kb / 14P
   3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4850 MAXIM-MAX4850 Datasheet
636Kb / 16P
   Dual SPDT Analog Switches with Over-Rail Signal Handling
Rev 0; 7/04
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com