Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2026S Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS2026S
Description  DUAL POWER DISTRIBUTION SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2026S Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS2026S Datasheet HTML 1Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 2Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 3Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 4Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2026
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
8 LEAD SOIC PLASTIC PACKAGE (S)
8 LEAD PLASTIC DIP PACKAGE (P)
0°-8° TYP
0.010-0.020
(0.254-0.508)
S (SO-8 ) AMS DRW# 042293
x 45°
0.016-0.050
(0.406-1.270)
0.008-0.010
(0.203-0.254)
0.004-0.010
(0.101-0.254)
0.014-0.019
(0.355-0.483)
0.053-0.069
(1.346-1.752)
0.050
(1.270)
TYP
0.150-0.157**
(3.810-3.988)
0.228-0.244
(5.791-6.197)
0.189-0.197*
(4.801-5.004)
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
87
6
5
0.045-0.065
(1.143-1.651)
0.255±0.015*
(6.477±0.381)
0.400*
(10.160)
MAX
12
3
4
87
6
5
0.130±0.005
(3.302±0.127)
0.018±0.003
(0.457±0.076)
0.100±0.010
(2.540±0.254)
(8.255
)
+0.635
-0.381
0.325 +0.025
-0.015
0.009-0.015
(0.229-0.381)
0.300-0.325
(7.620-8.255)
0.065
(1.651)
TYP
0.005
(0.127)
MIN
0.125
(3.175)
MIN
0.015
(0.380)
MIN
*DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTUSIONS.
MOLD FLASH OR PROTUSIONS SHALL NOT EXCEED 0.010" (0.254mm)
P (8L PDIP ) AMS DRW# 042294


Similar Part No. - AMS2026S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2026S ADMOS-AMS2026S Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
More results

Similar Description - AMS2026S

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
   Dual Power Distribution Switch
G554 GMT-G554 Datasheet
42Kb / 1P
   Dual Power Distribution Switch
G556 GMT-G556 Datasheet
73Kb / 1P
   Dual Power Distribution Switch
G546 GMT-G546 Datasheet
81Kb / 1P
   Dual Power Distribution Switch
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026 Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G526 GMT-G526 Datasheet
74Kb / 1P
   Dual Power Distribution Switch
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
   Dual-Channel Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
   Dual-Channel Power Distribution Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com