Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12CM-12L Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # BCR12CM-12L
Description  Triac 12 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12CM-12L Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  BCR12CM-12L Datasheet HTML 1Page - Powerex Power Semiconductors BCR12CM-12L Datasheet HTML 2Page - Powerex Power Semiconductors BCR12CM-12L Datasheet HTML 3Page - Powerex Power Semiconductors BCR12CM-12L Datasheet HTML 4Page - Powerex Power Semiconductors BCR12CM-12L Datasheet HTML 5Page - Powerex Power Semiconductors BCR12CM-12L Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR12CM
Triac
12 Amperes/400-600 Volts
GATE TRIGGER VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
101
102
103
BREAKOVER VOLTAGE VS.
RATE OF RISE OF OFF-STATE VOLTAGE
(TYPICAL)
RATE OF RISE OF OFF-STATE VOLTAGE, dv/dt, (V/ s)
0
40
80
120
160
102
101
103
104
Tj = 125°C
I QUADRANT
III QUADRANT
#1
#2
REPETITIVE PEAK OFF-STATE CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
102
103
104
105
GATE TRIGGER CURRENT
VS. GATE CURRENT PULSE WIDTH
(TYPICAL)
GATE CURRENT PULSE WIDTH, tw, ( s)
101
102
103
Tj = 25°C
100
101
102
IFGT I
IRGT I
IRGT III
HOLDING CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
101
102
103
BREAKOVER VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
0
40
80
120
160
COMMUTATION CHARACTERISTICS
(TYPICAL)
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT, (A/ms)
100
101
102
103
100
101
102
103
Tj = 125
oC
IT = 4A
= 500 s
VD = 200V
f = 3Hz
MINIMUM
CHARAC-
TERISTICS
VALUE
VD
t
(dv/dt)c
VOLTAGE WAVEFORM
CURRENT WAVEFORM
IT
t
(di/dt)c
III QUADRANT
I QUADRANT
GATE TRIGGER CHARACTERISTICS
TEST CIRCUITS
TEST PROCEDURE I
TEST PROCEDURE II
RG
6V
6
A
V
RG
6V
6
TEST PROCEDURE III
A
V
RG
6V
6
A
V
T-62


Similar Part No. - BCR12CM-12L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12CM-12LA RENESAS-BCR12CM-12LA Datasheet
113Kb / 7P
   Triac Medium Power Use
BCR12CM-12LA-A8 RENESAS-BCR12CM-12LA-A8 Datasheet
113Kb / 7P
   Triac Medium Power Use
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
logo
Inchange Semiconductor ...
BCR12CM-12LB ISC-BCR12CM-12LB Datasheet
212Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR12CM-12LB-A8 RENESAS-BCR12CM-12LB-A8 Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR12CM-12L

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR12PM POWEREX-BCR12PM Datasheet
84Kb / 6P
   Isolated Triac 12 Amperes/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
   Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
   Triac 6 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
   Triac 10 Amperes/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
   Triac 3 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
BCR16PM POWEREX-BCR16PM Datasheet
73Kb / 4P
   Isolated Triac 16 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com