Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32231D1154000 Datasheet(PDF) 4 Page - EPCOS

Part # B32231D1154000
Description  Metallized Polyester Film Capacitors (MKT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32231D1154000 Datasheet(HTML) 4 Page - EPCOS

  B32231D1154000 Datasheet HTML 1Page - EPCOS B32231D1154000 Datasheet HTML 2Page - EPCOS B32231D1154000 Datasheet HTML 3Page - EPCOS B32231D1154000 Datasheet HTML 4Page - EPCOS B32231D1154000 Datasheet HTML 5Page - EPCOS B32231D1154000 Datasheet HTML 6Page - EPCOS B32231D1154000 Datasheet HTML 7Page - EPCOS B32231D1154000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
M =
±20%
K =
±10%
J =
±5% (on request)
100
63
0.15
5.5
× 8.5 × 14.0 B32231D1154+000 1500
0.22
5.5
× 8.5 × 14.0 B32231D1224+000 1500
0.33
5.5
× 8.5 × 14.0 B32231D1334+000 1500
0.47
5.5
× 9.0 × 19.0 B32231D1474+000 1500
0.68
5.5
× 9.0 × 19.0 B32231D1684+000 1500
1.0
7.0
× 12.0 × 19.0 B32231D1105+000 1000
1.5
8.0
× 13.0 × 19.0 B32231D1155+000 1000
2.2
8.0
× 13.0 × 27.0 B32231D1225+000 1000
3.3
8.0
× 15.0 × 27.0 B32231D1335+000 1000
4.7
10.0
× 18.0 × 32.0 B32231D1475+000
500
6.8
10.0
× 20.0 × 32.0 B32231D1685+000
500
10
13.0
× 23.0 × 32.0 B32231D1106+000
250
250
160
0.10
5.5
× 8.5 × 14.0 B32231D3104+000 1500
0.15
5.5
× 8.5 × 14.0 B32231D3154+000 1500
0.22
5.5
× 9.0 × 19.0 B32231D3224+000 1500
0.33
5.5
× 9.0 × 19.0 B32231D3334+000 1500
0.47
6.0
× 12.0 × 19.0 B32231D3474+000 1000
0.68
7.5
× 12.0 × 19.0 B32231D3684+000 1000
1.0
7.5
× 12.0 × 27.0 B32231D3105+000 1000
1.5
8.5
× 14.0 × 27.0 B32231D3155+000 1000
2.2
8.5
× 16.0 × 27.0 B32231D3225+000
500
3.3
10.0
× 18.0 × 32.0 B32231D3335+000
500
4.7
13.0
× 20.0 × 32.0 B32231D3475+000
250
B32231
General purpose (wound)
4


Similar Part No. - B32231D1154000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32231D1106J000 TDK-B32231D1106J000 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32231D1106K000 TDK-B32231D1106K000 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32231D1154000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com