Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS6101S Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS6101S
Description  2A SWITCH STEP-UP DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS6101S Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS6101S Datasheet HTML 1Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 2Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 3Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 4Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS6101
ABSOLUTE MAXIMUM RATINGS (note 1)
VCC
15V
Maximum Junction Temperature
150°C
SW Voltage
23V
Power Dissipation (Note2)
Internally Limited
F/B Voltage
7V
Lead Temperature
300°C
Comp
7V
Vapor Phase (60 sec)
215°C
EN
7V
Infrared (15 sec)
220°C
PWGD
15V
ESD Susceptibility
2kV
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA= 25 °C, VIN=2.7V, IL = 0A (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AMS6101
Min.
Typ.
Max.
(Note3)
(Note4)
(Note3)
Units
Quiescent Current
FB = 0V (Not Switching)
V EN = 0V
1.3
5
2.0
10
mA
µA
Feedback Voltage
1.2285
1.26
1.2915
V
Switch Current Limit
VIN = 2.7 (Note 5)
3
4
A
Load Regulation
VIN = 3.3V
6.7
mV/mA
Feedback Voltage Line Regulation
2.0V ≤ VIN ≤ 12.0V
0.013
0.1
%V
FB Pin Bias Current
0.5
20
nA
Input Voltage Range
2.5
15
V
Error Amp Transconductance
∆I = 5µA
40
135
290
µmho
Error Amp Voltage Gain
135
V/V
Maximum Duty Cycle
78
85
%
Switching Frequency
480
600
720
kHz
Shutdown Pin Current
V EN = VIN
V EN = 0V
0.01
-0.5
0.1
-1
µA
Switch Leakage Current
V SW = 18V
0.01
3
µA
Switch RDSON
VIN = 2.7V, ISW = 1A
0.2
0.4
Enable Threshold
Output High
Output Low
0.9
0.6
0.6
0.3
V
V
On Threshold
1.8
1.92
2.0
V
Off Threshold
1.7
1.82
1.9
V
Thermal Resistance
Junction to Ambient
195
Note:
1). Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for
which the device is intended to be functional.
2). The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-
ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient
temperature is calculated using: PD (MAX) = (TJ (MAX) – TA) θJA. Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go into thermal shutdown.
3). All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface).
4). Typical numbers are at 25°C and represent the most likely norm.
5). Current limit at 0% duty cycle.


Similar Part No. - AMS6101S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
logo
Advanced Monolithic Sys...
AMS6104 ADMOS-AMS6104 Datasheet
227Kb / 6P
   Internal Power Switch
logo
Advanced Monolithic Sys...
AMS6104M1 AMS-AMS6104M1 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
More results

Similar Description - AMS6101S

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618_V01 Datasheet
1Mb / 15P
   28V Internal Switch, Step-Up DC-DC Converter
2015
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
   High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com