Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS4154S Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS4154S
Description  2A OUTPUT PWM BUCK CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4154S Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS4154S Datasheet HTML 1Page - Advanced Monolithic Systems AMS4154S Datasheet HTML 2Page - Advanced Monolithic Systems AMS4154S Datasheet HTML 3Page - Advanced Monolithic Systems AMS4154S Datasheet HTML 4Page - Advanced Monolithic Systems AMS4154S Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS4154
PIN DESCRIPTION
AMS4154
PIN
NUMBERS
NAME
DESCRIPTION
1
BST
Bootstrap. A capacitor is needed to drive the power switch’s drive above the supply
voltage. It is connected between LX and BST pins to form a floating supply across the
power switch driver.
2
VIN
Supply Voltage. The AMS4154 operates from a+5.5V to +32V unregulated input. C1 is
needed to prevent large voltage spikes from appearing at the input.
3
LX
Switch. This connects the inductor to VIN through the internal power switch.
4
GND
Ground. This pin is the ground for voltage reference and for the regulated output voltage.
For this reason care must be taken in its layout.
5
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage.
6
COMP
Compensation. This node is the output of the transconductance error amplifier and the
input to the current comparator. Frequency compensation is done at this node by
connecting a series R-C to ground.
7
EN
Enable. A voltage greater than 2.5V enables operation. For complete low current shutdown
the EN pin voltage needs to be less than 2.3V.
8
REF
5V reference voltage capable of supplying 1mA for other external circuits.


Similar Part No. - AMS4154S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
   2A OUTPUT PWM BUCK CONVERTER
AMS4155S ADMOS-AMS4155S Datasheet
389Kb / 6P
   2A OUTPUT PWM BUCK CONVERTER
More results

Similar Description - AMS4154S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
   2A OUTPUT PWM BUCK CONVERTER
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
   300KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com