Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4609MLTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4609MLTRT
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4609MLTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4609MLTRT Datasheet HTML 4Page - Semtech Corporation SC4609MLTRT Datasheet HTML 5Page - Semtech Corporation SC4609MLTRT Datasheet HTML 6Page - Semtech Corporation SC4609MLTRT Datasheet HTML 7Page - Semtech Corporation SC4609MLTRT Datasheet HTML 8Page - Semtech Corporation SC4609MLTRT Datasheet HTML 9Page - Semtech Corporation SC4609MLTRT Datasheet HTML 10Page - Semtech Corporation SC4609MLTRT Datasheet HTML 11Page - Semtech Corporation SC4609MLTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC4609
POWER MANAGEMENT
Application Information (Cont.)
Over Current Protection
The SC4609 detects over current conditions by sensing
the voltage across the drain-to-source of the high side
MOSFET. The SC4609 determines the high side MOS-
FET current level by sensing the drain-to-source conduc-
tion voltage across the high side MOSFET via the V
in (see
the Typical Application Circuit on page 1) and PHASE pin
during the high side MOSFET’s conduction period. This
voltage value is then compared internally to a user pro-
grammed current limit threshold. Note that user should
place Kelvin sensing connections directly from the high
side MOSFET source to the PHASE pin.
The current limit threshold is programmed by the user
based on the RDS(on) of the high side MOSFET and the
value of the external set resistor RSET (where RSET is
represented by R3 in the applications schematics of this
document). The SC4609 uses an internal current source
to pull a 50µA current from the input voltage to the ISET
pin through external resistor RSET.
The current limit threshold resistor (RSET) value is calcu-
lated using the following equation:
A
50
R
I
R
)
ON
(
DS
MAX
SET
µ
=
The R
DS(ON) sensing used in the SC4609 has an addi-
tional feature that enhances the performance of the over
current protection. Because the R
DS(ON) has a positive
temperature coefficient, the 50µA current source has a
positive coefficient of about 0.28%/C° providing first or-
der correction for current sensing vs temperature. This
compensation depends on the high amount of thermal
transferring that typically exists between the high side N-
MOSFET and the SC4609 due to the compact layout of
the power supply.
When the converter detects an over current condition (I
> I
MAX) as shown in Figure 2, the first action the SC4609
takes is to enter the cycle by cycle protection mode (Point
B to Point C), which responds to minor over current cases.
Then the output voltage is monitored. If the over current
and low output voltage (set at 70% of nominal output
voltage) occur at the same time, the Hiccup mode op-
eration (Point C to Point D) of the SC4609 is invoked
and the internal soft start capacitor is discharged. This is
like a typical soft start cycle:
nom
O
V
6
.
0
nom
O
V
O
V
O
I
I
MAX
D
C
B
A
nom
O
V
6
.
0
nom
O
V
O
V
O
I
I
MAX
D
C
B
A
Figure 2. Over current protection characteristic of
SC4609
Power MOSFET Drivers
The SC4609 has two drivers which are optimized for driv-
ing external power N-Channel MOSFETs.. The driver block
consists two 1 Amp drivers. DRVH drives the high side
N-MOSFET (main switch), and DRVL drives the low side
N-MOSFET (synchronous rectifier transistor).
The output drivers also have gate drive non-overlap
mechanism that provides a dead time between DRVH
and DRVL transitions to avoid potential shoot through
problems in the external MOSFETs. By using the proper
design and the appropriate MOSFETs, the SC4609 is
capable of driving a converter with up to 12A of output
current. As shown in Figure 3,
td1
,
the delay from the
top MOSFET off to the bottom MOSFET on is adaptive by
detecting the voltage of the phase node.
td2, the delay
from the bottom MOSFET off to the top MOSFET on is
fixed, is 40ns for the SC4609. This control scheme guar-
antees avoidance of cross conduction or shoot through
between the upper and lower MOSFETs and also mini-
mizes the conduction loss in the body diode of the bot-
tom MOSFET for high efficiency applications.
0.7


Similar Part No. - SC4609MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results

Similar Description - SC4609MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4608 SEMTECH-SC4608 Datasheet
361Kb / 19P
   Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603_08 Datasheet
325Kb / 16P
   Very Low Input, MHz Operation,High Efficiency Synchronous Buck
SC4607 SEMTECH-SC4607 Datasheet
318Kb / 17P
   Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
   Very Low Input, MHz Operation, High Efficiency Synchronous Buck
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com